Electronic Components Datasheet Search
  English  ▼

X  

AL700 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL700
Description  Sales Kit Quad Video Processor Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL700 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL700 Datasheet HTML 1Page - AverLogic Technologies Inc AL700 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AL700 Sales Kit
Quad Video Processor Device
AverLogic Technologies, Corp.
Doc No: 1-F-PMK111-0002
Version: 1.0
AVERLOGIC
Your Video Solution Partner
AL700
Sales Kit Flyer
URL: www.averlogic.com.tw
The AL700 QUAD Video Processor device provides a total solution for video surveillance
applications. It is mainly composed of four video decoders (AL240) for processing 4 channel
analog video inputs to digital along with a quad video processor (AL700). It provides video
outputs to TV monitor, VCR and digital storage devices with a low-cost, easy solution for 4
channels video surveillance applications.
It supports input connectors including four analog CVBS videos. It provides a cost-effective
and high-quality NTSC/PAL video decoding with adaptive comb-filter Y/C separation process
and quad video processing. It is also equipped with BCS (Brightness, Contrast, Saturation
and Hue) control, zoom, freeze, internal OSD overlay and PIP support for monitoring and
controlling video surveillance devices.
AL240
AL700
Quad Video
Processor
AL240
AL240
AL240
CVBS
ITU656(8BIT) X 4
VCLK X 4
4Mx16 SDRAM
MCU
HOST
24C08
DS1307
RS-232
TXD /RXD
TX/RX
POWER
+5.5V +3.3V +1.8V
Monitor
VCROutput
CH1/CH5
CH3/CH7
CH4/CH8
CH2/CH6
VCR Input
2-W ire Serial Bus
2-W ire Serial Bus


Similar Part No. - AL700

ManufacturerPart #DatasheetDescription
logo
DFI Inc
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
logo
AverLogic Technologies ...
AL700C-PBF AVERLOGIC-AL700C-PBF Datasheet
91Kb / 11P
Color DUAL QUAD Splitter EVB User Manual
More results

Similar Description - AL700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
Teletext video processor
March 1991
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
Video Display Processor
logo
Micronas
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
Video Processor Family
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
VIDEO PROCESSOR
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
Video Image Processor
logo
AverLogic Technologies ...
AL240 AVERLOGIC-AL240 Datasheet
274Kb / 2P
Sales Kit Standalone Video Decoder Device
AL242 AVERLOGIC-AL242 Datasheet
271Kb / 2P
Sales Kit Standalone 2D Video Decoder Device
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
Advanced Video Processor
logo
List of Unclassifed Man...
LSM413 ETC2-LSM413 Datasheet
113Kb / 1P
Video Monitor Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com