Electronic Components Datasheet Search
  English  ▼

X  

TS1117SCZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117SCZ
Description  800mA Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117SCZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1117SCZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117SCZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117SCZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117SCZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117SCZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117SCZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1117S
1-6
2005/11 rev. A
TS1117S
800mA Low Dropout Positive Voltage Regulator
TO-220
TO-263
TO-252
SOT-223
Pin assignment:
1.
Ground / Adj
2.
Output
3.
Input
Low Dropout Voltage 1.5V max
General Description
The TS1117S Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the TS1117S Series provides excellent regulation over variations
due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal shutdown protection of the output device. The TS1117S Series
are three terminal regulators with fixed and adjustable voltage options available in popular packages.
This series is offered in 3-pin TO-263, TO-220, TO-252 and SOT-223 package.
Features
Low dropout performance 1.5V max.
Full current rating over line and temperature.
Fast transient response
±
2%Total output regulation over line, load and
temperature
Adjust pin current max 90μA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220, TO-263 TO-252 and SOT-223 package
Block Diagram
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1117SCZ-xx
TO-220
TS1117SCM-xx
TO-263
TS1117SCP-xx
TO-252
TS1117SCW-xx
-20 ~ +85
oC
SOT-223
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V and 1.8V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Absolute Maximum Rating
Input Supply Voltage
Vin (max.)
12
V
Operation Input Supply Voltage
Vin (opr., Typ.)
7
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-25 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
10
5
S


Similar Part No. - TS1117SCZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117 TSC-TS1117 Datasheet
549Kb / 9P
1A Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
462Kb / 7P
1A Low Dropout Positive Voltage Regulator
Version: H1607
More results

Similar Description - TS1117SCZ

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
800mA Fixed Low Dropout Positive Regulator
2002
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com