Electronic Components Datasheet Search
  English  ▼

X  

550608 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 550608
Description  Connection block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

550608 Datasheet(HTML) 1 Page - Festo Corporation.

  550608 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connection block
CPE10-3/2-PRS-1/4-9-NPT
Part number: 550608
General operating condition
Data sheet
Feature
Value
Width dimension
16 mm
Mounting position
Any
Max. no. of valve positions
9
Max. no. of pressure zones
2
Burst pressure
5 MPa
Burst pressure
50 bar
Burst pressure
725 psi
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-5 °C ... 50 °C
Ambient temperature
-5 °C ... 50 °C
Max. tightening torque for valve mounting
1.22 Nm
Product weight
380.032 g
Manifold block type of mounting
With through-hole
Pneumatic valve mounting type
With internal thread
Pneumatic connection 1
1/4 NPT
Pneumatic connection 3
1/4 NPT
Pneumatic connection 5
1/4 NPT
Note on materials
RoHS-compliant
Manifold rail material
Wrought aluminum alloy
11/25/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 550608

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550601 FESTO-550601 Datasheet
151Kb / 1P
Connection block
550602 FESTO-550602 Datasheet
151Kb / 1P
Connection block
logo
Cornell Dubilier Electr...
550602T350DF2B CDE-550602T350DF2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
550602U100AC2B CDE-550602U100AC2B Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
logo
Festo Corporation.
550603 FESTO-550603 Datasheet
150Kb / 1P
Connection block
More results

Similar Description - 550608

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
195706 FESTO-195706 Datasheet
79Kb / 1P
Connection block
195708 FESTO-195708 Datasheet
75Kb / 1P
Connection block
541254 FESTO-541254 Datasheet
80Kb / 1P
Connection block
541519 FESTO-541519 Datasheet
73Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
8154581 FESTO-8154581 Datasheet
68Kb / 1P
Connection block
7/20/22
8154589 FESTO-8154589 Datasheet
69Kb / 1P
Connection block
7/20/22
8154590 FESTO-8154590 Datasheet
68Kb / 1P
Connection block
7/20/22
8154598 FESTO-8154598 Datasheet
68Kb / 1P
Connection block
7/20/22
18842 FESTO-18842 Datasheet
66Kb / 1P
Connection block
7/31/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com