Electronic Components Datasheet Search
  English  ▼

X  

TMXAT03 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXAT03
Description  SAW Bandpass Filters | DVB-C - RF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXAT03 Datasheet(HTML) 2 Page - Rakon Limited

  TMXAT03 Datasheet HTML 1Page - Rakon Limited TMXAT03 Datasheet HTML 2Page - Rakon Limited TMXAT03 Datasheet HTML 3Page - Rakon Limited TMXAT03 Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMX AT03
SAW Bandpass Filters | DVB-C - RF
Issue: Rev 3, 23 December 2022
Specifications are subject to change without notice
Copyright © 2009 to 2022 Rakon Limited. All rights reserved
Page 1 of 3
www.rakonxpress.com
Features
Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-40
85
°C
Operating temperature range (T
A)
-40
85
°C
DC Voltage
(VDC)
0
V
Input Power
10
dBm
Frequency and Electrical Characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Source impedance (balance)
50
Ω
Load impedance (balance)
50
Ω
Center frequency (fc)
1090
MHz
Bandwidth (BW, passband width)
12.00
MHz
Absolute Attenuation
From 500 to 944 MHz
From 944 to 1051 MHz
From 1051 to 1061 MHz
From 1170 to 2000 MHz
45
40
30
40
50
47
40
45
dB
Insertion Loss (IL, 1084 – 1096 MHz)
3.9
5.2
dB
Amplitude Ripple (1084 – 1096 MHz)
0.6
1.5
dB
Features
Applications
3.8 x 3.8 x 1.2 mm
1090 MHz center frequency
Ceramic package for Surface Mounted Technology
RF SAW Filter DVB – C
12 MHz useable Passband
50 Ω Balance Configuration
Digital Video Broadcasting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com