Electronic Components Datasheet Search
  English  ▼

X  

TMXAT13 Datasheet(PDF) 1 Page - Rakon Limited

Part # TMXAT13
Description  SAW Bandpass Filters | Wireless Communications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXAT13 Datasheet(HTML) 1 Page - Rakon Limited

  TMXAT13 Datasheet HTML 1Page - Rakon Limited TMXAT13 Datasheet HTML 2Page - Rakon Limited TMXAT13 Datasheet HTML 3Page - Rakon Limited TMXAT13 Datasheet HTML 4Page - Rakon Limited TMXAT13 Datasheet HTML 5Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue: Rev 2, 22 December 2022
Specifications are subject to change without notice
Copyright © 2006 to 2022 Rakon Limited. All rights reserved
www.rakonxpress.com
Table of Contents
Features........................................................................................................................................................................1
Maximum Ratings ........................................................................................................................................................1
Frequency and Electrical Characteristics (Reference temperature @ 25°C)..............................................................1
Model Outline, Pin Connection and Marking .............................................................................................................2
Test Circuit....................................................................................................................................................................2
Frequency Characteristics............................................................................................................................................3
Packaging......................................................................................................................................................................4
TMX AT13
SAW Filter datasheet
3.8 x 3.8 mm, SMD


Similar Part No. - TMXAT13

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXAT13 TEMEX-TMXAT13 Datasheet
265Kb / 5P
SAW Bandpass Filter - Remote Control - RF
More results

Similar Description - TMXAT13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7775 EPCOS-B7775_1 Datasheet
59Kb / 7P
SAW Filters for Mobile Communications
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
SAW filters for mobile communications
logo
TDK Electronics
B39192B9468P810 TDK-B39192B9468P810 Datasheet
92Kb / 8P
SAW filters for mobile communications
B39202B9815P810 TDK-B39202B9815P810 Datasheet
159Kb / 12P
SAW filters for mobile communications
B39232B8307P810 TDK-B39232B8307P810 Datasheet
109Kb / 8P
SAW filters for mobile communications
B39232B9490P810 TDK-B39232B9490P810 Datasheet
122Kb / 8P
SAW filters for mobile communications
B39162B9000C710S9 TDK-B39162B9000C710S9 Datasheet
44Kb / 4P
SAW Filters for Mobile Communications
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
SAW filters for mobile communications
logo
Murata Manufacturing Co...
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
SAFEH881MFM0F00 MURATA1-SAFEH881MFM0F00 Datasheet
61Kb / 2P
SAW Filters for Mobile Communications
May.28,2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com