Electronic Components Datasheet Search
  English  ▼

X  

TMXAT15 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXAT15
Description  SAW Bandpass Filters | Wireless Communications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXAT15 Datasheet(HTML) 2 Page - Rakon Limited

  TMXAT15 Datasheet HTML 1Page - Rakon Limited TMXAT15 Datasheet HTML 2Page - Rakon Limited TMXAT15 Datasheet HTML 3Page - Rakon Limited TMXAT15 Datasheet HTML 4Page - Rakon Limited TMXAT15 Datasheet HTML 5Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TMX AT15
SAW Bandpass Filters | Wireless Communications
Issue: Rev 2, 22 December 2022
Specifications are subject to change without notice
Copyright © 2006 to 2022 Rakon Limited. All rights reserved
Page 1 of 4
www.rakonxpress.com
Features
Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-40
85
°C
Operating temperature range (T
A)
-30
85
°C
DC voltage
(VDC)
0
V
Input Power
10
dBm
Frequency and Electrical Characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Source impedance (Single)
50
Ω
Load impedance (Single)
50
Ω
Center frequency (fc)
1030
MHz
Bandwidth (BW, passband width)
30.00
MHz
Absolute Attenuation
From DC to 910 MHz
From 1090 to 1300 MHz
25
25
30
33
dB
Insertion Loss (IL, 1015 – 1045 MHz)
2.3
3.0
dB
Amplitude ripple (1015 – 1035 MHz)
0.3
1.0
dB
VSWR (1015 – 1045 MHz)
1.8
2.1
–
1
Typical values are nominal performances at room temperature
Features
Applications
3.8 x 3.8 mm
1030 MHz center frequency
Ceramic package for Surface Mounted Technology
30 MHz useable Passband
50 Ω Single Configuraiton
RF SAW Filter for Broadcast
Remote control - RF
Wireless applications:
o Home appliances
o Security systems



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com