Electronic Components Datasheet Search
  English  ▼

X  

MB85R2002 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB85R2002
Description  Memory FRAM CMOS 2 M Bit (128 K 횞 16)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB85R2002 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB85R2002 Datasheet HTML 1Page - fujitsu semiconductor MB85R2002 Datasheet HTML 2Page - fujitsu semiconductor MB85R2002 Datasheet HTML 3Page - fujitsu semiconductor MB85R2002 Datasheet HTML 4Page - fujitsu semiconductor MB85R2002 Datasheet HTML 5Page - fujitsu semiconductor MB85R2002 Datasheet HTML 6Page - fujitsu semiconductor MB85R2002 Datasheet HTML 7Page - fujitsu semiconductor MB85R2002 Datasheet HTML 8Page - fujitsu semiconductor MB85R2002 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS05-13108-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2007 FUJITSU LIMITED All rights reserved
Memory FRAM
CMOS
2 M Bit (128 K
× 16)
MB85R2002
■ DESCRIPTIONS
The MB85R2002 is an FRAM (Ferroelectric Random Access Memory) chip consisting of 131,072 words
× 16 bits
of non-volatile memory cells created using ferroelectric process and silicon gate CMOS process technologies.
The MB85R2002 is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R2002 can be used for at least 1010 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R2002 uses a pseudo-SRAM interface that is compatible with conventional asynchronous SRAM.
■ FEATURES
• Bit configuration
: 131,072 words
× 16 bits
• Read/write endurance
: 1010 times/bit (Min)
• Operating power supply voltage : 3.0 V to 3.6 V
• Operating temperature range
: -20 °C to +85 °C
• Data retention
: 10 years (
+55 °C)
•LB and UB data byte control
• Package
: 48-pin plastic TSOP (1)


Similar Part No. - MB85R2002

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R2002 FUJITSU-MB85R2002 Datasheet
98Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002PFTN-GE1 FUJITSU-MB85R2002PFTN-GE1 Datasheet
98Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
More results

Similar Description - MB85R2002

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1002 FUJITSU-MB85R1002_07 Datasheet
367Kb / 15P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R1001 FUJITSU-MB85R1001_09 Datasheet
94Kb / 12P
Memory FRAM CMOS 1 M Bit (128 K 횞 8)
MB85R1002 FUJITSU-MB85R1002_09 Datasheet
127Kb / 16P
Memory FRAM CMOS 1 M Bit (64 K 횞 16)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2002 FUJITSU-MB85R2002_09 Datasheet
98Kb / 12P
Memory FRAM CMOS 2 M Bit (128 K 횞 16)
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
Memory FRAM 128 K (16 K x 8) Bit I2C
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com