Electronic Components Datasheet Search
  English  ▼

X  

TMXU393 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXU393
Description  SAW Bandpass Filters | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXU393 Datasheet(HTML) 2 Page - Rakon Limited

  TMXU393 Datasheet HTML 1Page - Rakon Limited TMXU393 Datasheet HTML 2Page - Rakon Limited TMXU393 Datasheet HTML 3Page - Rakon Limited TMXU393 Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMX U393
SAW Bandpass Filters | Wireless Communications
Issue: Rev 3, 22 December 2022
Specifications are subject to change without notice
Copyright © 2005 to 2022 Rakon Limited. All rights reserved
Page 1 of 3
www.rakonxpress.com
Features
Maximum ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-45
85
°C
Operating temperature range (T
A)
0
70
°C
Input Power
15
dBm
Frequency and electrical characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Center frequency (fc)
915
MHz
Bandwidth (BW, passband width)
26.00
MHz
Insertion Loss (IL, 902 – 928 MHz)
2.5
3.3
dB
Amplitude ripple (902 – 928 MHz
0.5
1.5
dB
Absolute Attentuation
From 100.0 to 800.0 MHz
From 800.0 to 845.0 MHz
From 845.0 to 880.0 MHz
From 947.0 to 992.0 MHz
From 992.0 to 1020.0 MHz
From 1020.0 to 1200.0 MHz
50
45
35
15
35
45
60
50
40
20
40
50
dB
Source impedance2 (Single ended)
50
Ω
Load impedance2 (Single ended)
50
Ω
1
Typical values are nominal performances at room temperature
2
No external matching is required
Features
Applications
3.8 x 3.8 x 1.5 mm
915 MHz center frequency
Ceramic package for Surface Mounted Technology
Low Insertion loss (typically 2.5dB) within PassBand
902 to 928 MHz
Input Power: 15dBm
No matching network required for operation at 50Ω
Remote control - RF
Wireless applications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com