Electronic Components Datasheet Search
  English  ▼

X  

TMXW331 Datasheet(PDF) 3 Page - Rakon Limited

Part # TMXW331
Description  SAW Bandpass Filters | Wireless Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXW331 Datasheet(HTML) 3 Page - Rakon Limited

  TMXW331 Datasheet HTML 1Page - Rakon Limited TMXW331 Datasheet HTML 2Page - Rakon Limited TMXW331 Datasheet HTML 3Page - Rakon Limited TMXW331 Datasheet HTML 4Page - Rakon Limited TMXW331 Datasheet HTML 5Page - Rakon Limited TMXW331 Datasheet HTML 6Page - Rakon Limited TMXW331 Datasheet HTML 7Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TMX W331
SAW Bandpass Filters | Wireless Communications
Issue: Rev 7, 10 January 2023
Specifications are subject to change without notice
Copyright © 2020 to 2023 Rakon Limited. All rights reserved
Page 2 of 6
www.rakonxpress.com
Model outline, pin connection and marking
Test circuit
Pin
Connections
2
Input
5
Output
1, 3, 4 , 6
Ground
Marking
Note
Line 1
W331
Rakonxpress designation
Line 2
2135
21 = Year 2021
35 = Week 35
Line 3
•AA
• = Identify black dot
AA = Internal Code (Wafer Batch)

Ω / Ω 
FRONT VIEW
0.85 ±0.08
1.5 max
1.5±0.2
1
2
3
1.8
BOTTOM VIEW
1.6
0.7 (x5)
6
5
4
0.6 (x6)
RECOMMENDED PAD LAYOUT
TOP VIEW
2.15
2.20
0.80 (x6)
1.70
1.05 (x5)
3.0 ±0.13
SQ
TOP VIEW
W331
2135
• AA
1
Unit: mm
SAW Filter
Input
Single, 50 Ω
Output
Single, 50 Ω
GND
1, 3, 4, 6
5
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com