Electronic Components Datasheet Search
  English  ▼

X  

CE77 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # CE77
Description  Semicustom CMOS Embedded array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CE77 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button CE77 Datasheet HTML 9Page - fujitsu semiconductor CE77 Datasheet HTML 10Page - fujitsu semiconductor CE77 Datasheet HTML 11Page - fujitsu semiconductor CE77 Datasheet HTML 12Page - fujitsu semiconductor CE77 Datasheet HTML 13Page - fujitsu semiconductor CE77 Datasheet HTML 14Page - fujitsu semiconductor CE77 Datasheet HTML 15Page - fujitsu semiconductor CE77 Datasheet HTML 16Page - fujitsu semiconductor CE77 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CE77 Series
13
• Dual power supply : VDDE
= 3.3 V/VDDI = 2.5 V, 1.8 V, 1.5 V
*1: When the memory is in a standby mode and analog macro is in a power-down mode. At both cases, conditions
are VIH
= VDD, VIL = VSS, and Tj = +25 °C. The above values may not be guaranteed when the input buffer with a
pull-up/pull-down resistor or a crystal oscillator buffer is used.
*2: Refer to “(1) 3.3 V” in
■ V-I CHARACTERISTICS.
*3: Refer to “(2) 2.5 V” in
■ V-I CHARACTERISTICS.
*4: Refer to “(3) 1.8 V” in
■ V-I CHARACTERISTICS“.
*5: Refer to “(4) 1.5 V” in
■ V-I CHARACTERISTICS.
(VDDE
= 3.3 V ± 0.3 V/VDDI = 2.5 V±0.2 V, 1.8 V ± 0.15 V, 1.5 V ±0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power supply current*1
IDDS
T2
⎯⎯
0.1
mA
T3, T4
⎯⎯
0.2
T5 to T7
⎯⎯
0.3
T8, T9
⎯⎯
0.4
TA
⎯⎯
0.5
TB, TC
⎯⎯
0.6
TD
⎯⎯
0.8
TE
⎯⎯
1.0
TF
⎯⎯
1.1
TG
⎯⎯
1.3
“H” level output voltage
VOH4
3.3 V output IOH
= −100 µAVDDE − 0.2
⎯
VDDE
V
VOH3
2.5 V output IOH
= −100 µAVDDI − 0.2
⎯
VDDI
VOH2
1.8 V output IOH
= −100 µAVDDI − 0.2
⎯
VDDI
VOH1
1.5 V output IOH
= −100 µAVDDI − 0.2
⎯
VDDI
“L” level output voltage
VOL4
3.3 V output IOL
= 100 µA0
⎯
0.2
V
VOL3
2.5 V output IOL
= 100 µA0
⎯
0.2
VOL2
1.8 V output IOL
= 100 µA0
⎯
0.2
VOL1
1.5 V output IOL
= 100 µA0
⎯
0.2
“H” level output
V-I characteristics
⎯
3.3 V VDDE
= 3.3 V±0.3 V
*2
⎯⎯
⎯
⎯
2.5 V VDDI
= 2.5 V±0.2 V
*3
⎯⎯
⎯
1.8 V VDDE
= 1.8 V±0.15 V
*4
⎯⎯
⎯
1.5 V VDDI
= 1.5 V±0.1 V
*5
⎯⎯
“L” level output
V-I characteristics
⎯
3.3 V VDDE
= 3.3 V±0.3 V
*2
⎯⎯
⎯
⎯
2.5 V VDDI
= 2.5 V±0.2 V
*3
⎯⎯
⎯
1.8 V VDDE
= 1.8 V±0.15 V
*4
⎯⎯
⎯
1.5 V VDDI
= 1.5 V±0.1 V
*5
⎯⎯
Input leakage current
IL
⎯⎯
⎯
±5
µA
Pull-up/pull-down
resistance
RP
3.3 V
Pull-up VIL
= 0
Pull-down VIH
= VDDE
10
25
70
k
Ω
2.5 V
Pull-up VIL
= 0
Pull-down VIH
= VDDI
10
25
120
1.8 V
Pull-up VIL
= 0
Pull-down VIH
= VDDI
10
40
120
1.5 V
Pull-up VIL
= 0
Pull-down VIH
= VDDI
10
55
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com