Electronic Components Datasheet Search
  English  ▼

X  

TS4148 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148
Description  0.5AMPS High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 608 -
Version: B07
TS4148
0.5AMPS High Speed Switching Diode
Item
1206
0805
L
0.135(3.40)
0.119(3.0)
0.088(2.20)
0.072(1.8)
W
0.07(1.70)
0.054(1.30)
0.058(1.45)
0.042(1.05)
T
0.038(0.95)
0.03(0.75)
0.038(0.95)
0.03(0.75)
C
0.03(0.75)
0.014(0.35)
0.026(0.65)
0.01(0.25)
Features
For surface mounted application
Low forward voltage drop
High Current capability
Fast switching for high efficiency
High surge current capability
Chip version in 1206 and 0805
High temperature soldering:
260oC / 10 secondsat terminals
Mechanical Data
Cases: 0805, 1206
Terminals: Pure tin plated lead free,
Polarity: indicated by cathode arrow
Packaging: 8 mm tape per EIA STD
RS-481
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
0805
1206
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
75
V
Maximum Average Forward Rectified Current
Resistive Load f>50Hz
IF(AV)
150
mA
500
Peak Forward Surge Current
8.3 ms
Half Sine-wave
1 uS
IFSM
2.0
mA
A
Maximum Instantaneous Forward Voltage
@100mA
VF
1.0
V
Maximum D.C. Reverse Current @ Tc=25
oC
VR=20V
at Rated DC Blocking Voltage
@ Tc=125
oC VR=20V
IR
25
50
nA
uA
Typical Reverse Recovery Time(Note 2)
TJ=25
oC
Trr
5.0
nS
Typical Junction Capacitance (Note 1)
Cj
1.65
1.60
pF
Typical Thermal Resistance
RθJA
RθJC
190
80
150
60
oC/W
Power Dissipation
PD
500
mW
Operating Junction Temperature Range
TJ
-65 to + 200
oC
Storage Temperature Range
TSTG
-65 to + 200
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.


Similar Part No. - TS4148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
TS4148-1206-R7T4 ETC1-TS4148-1206-R7T4 Datasheet
145Kb / 3P
0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
500mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results

Similar Description - TS4148

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com