Electronic Components Datasheet Search
  English  ▼

X  

TS4405P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4405P
Description  Single P-Channel 1.8V Specified MicroSURF?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4405P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4405P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4405P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4405P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA=25°C unless otherwise specified
2
6/8/03 Rev0
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V(BD)SS
Drain-Source Breakdow n Voltage
VGS=0V, ID=-250µA
-11
V
IDSS
Zero Gate Voltage Drain Current
VDS=-12V, VGS=0V
-1
µA
Zero Gate Voltage Drain Current
VDS=-12V, VGS=0V, T=70°C
-5
µA
IGSS
Gate-Body Leakage
VGS=±8V, VDS=0V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250µA
-0,58
V
Drain-Source On-State Resistance
VGS=-4.5V, ID=-1A
50
mΩ
Drain-Source On-State Resistance
VGS=-2.5V, ID=-1A
70
mΩ
Drain-Source On-State Resistance
VGS=-1.8V, ID=-1A
90
mΩ
Ciss
Input Capacitance
VDS=-12V, VG=0V, F=1MHZ
300
pF
Coss
Output Capacitance
VDS=-12V, VG=0V, F=1MHZ
200
pF
Crss
Reverse Transfer Capacitance
VDS=-12V, VG=0V, F=1MHZ
80
pF
Qg
Total Gate Charge
VGS=-4.5V, ID=-4A, VDS=-8V
10
nC
Qgs
Gate Source-Charge
VGS=-4.5V, ID=-4A, VDS=-8V
2
nC
Qgd
Gate Drain-Charge
VGS=-4.5V, ID=-4A, VDS=-8V
1
nC
VSD
Diode Forw ard Voltage
IS=-4A, VGS=0V
0.7
V
rDS(on)
PRELIMINARY DATA SHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com