Electronic Components Datasheet Search
  English  ▼

X  

TS5215 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS5215
Description  300mA Low Noise LDO Voltage Regulator with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS5215 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS5215 series
6-6
2006/01 rev. C
SOT-25 Mechanical Drawing
SOT-25 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.70
3.00
0.106
0.118
B
0.25
0.50
0.010
0.020
C
1.90(typ)
0.075(typ)
D
0.95(typ)
0.037(typ)
E
1.50
1.70
0.059
0.067
F
1.05
1.35
0.041
0.053
H
2.60
3.00
0.102
0.118
L
0.60(typ)
0.024(typ)
SOT-89-5L Mechanical Drawing
SOT-89-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.17
0.18
B
4.05
4.25
0.16
0.17
C
1.50
1.70
0.06
0.07
D
0.35
0.41
0.01
0.02
E
2.40
2.60
0.09
0.10
F
0.80
--
0.03
--
G
3.00(typ)
0.12(typ)
H
1.50(typ)
0.06(typ)
I
0.40
0.52
0.01
0.02
J
1.40
1.60
0.05
0.06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com