Electronic Components Datasheet Search
  English  ▼

X  

TS9007 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9007
Description  300mA Ultra-Low-Noise, High PSRR LDO Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9007 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9007 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9007 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9007 series
2-5
2006/02 rev. C
Absolute Maximum Rating
Supply Voltage
Vin
-0.3 ~ +7
V
Input Supply Voltage (Recommended)
Vopr
+2 ~ +6
V
Output Short-Circuit Duration
Infinite
Power Dissipation
Pd
380
mW
Thermal Resistance
Өja
260
oC/W
Junction Temperature Range
Tj
+150
oC
Storage Temperature Range
Tstg
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Caution
: Stress above the listed absolute rating may cause permanent damage to the device
.
Electrical Characteristics
Ta = 25
oC, Vin= (V
OUT+1V), Cin=Cout=0.47uF, Ven=Vin, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin =Vo + 1V, IO=10mA
-2.0
--
+2
%
Output Current Limit
Short-circuit output
--
200
--
mA
Maximum Output Current
Vin =Vo+1V,
300
--
--
mA
Line Regulation
Vin=(VOUT+1V) to 6V, IO=10mA
--
0.3
--
%/V
Vin=Vo+1V,
1mA
≤IL≤300mA
Vout
≥2.5V
--
0.2
1.0
Load Regulation
Vin=Vo+1V,
1mA
≤IL≤200mA
Vout<2.5V
--
0.2
1.0
%
Io=300mA,
Vout=Vo - 2%
Vout
≥2.5V
--
500
600
Dropout Voltage
Io=200mA,
Vout=Vo - 2%
Vout<2.5V
--
800
1000
mV
Shutdown Supply Current
EN=0V
--
0.01
--
uA
Ground Pin Current
Io=0mA
--
90
150
uA
f=100Hz, Io=1mA
--
55
--
f=1KHz, Io=1mA
--
75
--
Ripple Rejection (PSRR)
f=10kHz, Io=1mA
--
55
--
dB
Io=10mA, f=10Hz to 100kHz,
Bypass = 0nF
--
45
--
Output Noise
Io=10mA, f=10Hz to 100kHz,
Bypass = 30nF
--
15
--
uVrms
Shutdown Exit Delay (note 2)
RLOAD = 50Ω
--
45
300
uS
EN Logic Low Level
Vin=2.0V to 5.5V
--
--
0.4
EN Logic High Level
Vin=2.0V to 5.5V
1.5
--
VIN
V
EN Input Bias Current
Vin=2.0V to 5.5V
--
--
--
uA
Thermal Shutdown
Shutdown Temperature
--
160
--
oC
Thermal Shutdown Hysteresis
--
20
--
oC
Note 1: The drop out voltage varies depending on output voltage selection
Dropout is defined as Vin - Vout when Vout is 100mV below Vout where Vin = Vout+1V for nominal Vout
Note 2: Time needed for Vout to reach 90% of final value



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com