Electronic Components Datasheet Search
  English  ▼

X  

TS39303 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39303
Description  3A Ultra Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39303 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39303 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39303 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS39301/2/3/4
2-7
2005/12 rev. A
Absolute Maximum Rating (Note 1)
Supply Voltage
Vin
-20V ~ +20
V
Enable Voltage
Ven
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
Vin (operate)
+2.5 ~ +16
V
Operation Enable Voltage
Ven (operate)
+16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Electrical Characteristics
(Vin = Vout + 1V, Venable= 2.4V, Tj = 25
oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
IL=10mA
0.990|Vo|
1.010|Vo|
Output Voltage
10mA ≤ IL ≤ 3A,
Vo+1V ≤ Vin ≤ 8V
0.980|Vo|
5.0 / 3.3
2.5 / 1.8
1.020|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤Vin≤ 8V
--
0.06
0.5
%
Load Regulation
Vin=Vout+1V, 10mA≤IL≤3A
--
0.2
1.0
%
Output Voltage Temp. Coefficient
(Note 5)
--
40
100
ppm/
oC
Dropout Voltage (Note 6 & 8)
ΔVout= -1%
IL=100mA
IL=750mA
IL=1.5A
IL=3.0A
--
--
--
--
65
185
250
400
200
--
--
550
mV
Quiescent Current (Note 7)
Vin=Vout+1V
IL=100mA
IL=750mA
IL=1.5A
IL=3.0A
--
--
--
--
6
10
17
45
10
20
--
--
mA
Current Limited
Vout=0, Vin=Vout+1V
--
4.5
--
A
Enable Input (TS39301/2/3/4)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN=2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
µA
Shutdown Output Current (Note 8)
--
--
20
µA
Adjustable Output (TS39302)
Reference Voltage
0.980|Vo|
1.24
1.020|Vo|
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com