Electronic Components Datasheet Search
  English  ▼

X  

TSM3443 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3443
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3443 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3443 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSM3443 Preliminary
2-3
2006/02 rev. A
Electrical Characteristics
(Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
-20
--
--
V
Drain-Source On-State Resistance
VGS = - 4.5V, ID = -4.7A
RDS(ON)
--
48
60
Drain-Source On-State Resistance
VGS = - 2.5V, ID = -1A
RDS(ON)
--
80
100
mΩ
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
-0.6
--
-1.4
V
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V
IDSS
--
--
-1.0
µA
Gate Body Leakage
VGS = ±12V, VDS = 0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS =-5V, VGS = -4.5V
ID(ON)
-15
--
--
A
Forward Transconductance
VDS = -10V, ID = - 4.7A
gfs
--
11
--
S
Dynamic
Total Gate Charge
Qg
--
6
9
Gate-Source Charge
Qgs
--
1.4
--
Gate-Drain Charge
VDS = -10V, ID = -4.7A,
VGS = -4.5V
Qgd
--
1.9
--
nC
Turn-On Delay Time
td(on)
--
22
35
Turn-On Rise Time
tr
--
35
55
Turn-Off Delay Time
td(off)
--
45
70
Turn-Off Fall Time
VDD = -10V, RL = 10Ω,
ID = -1A, VGEN = - 4.5V,
RG = 6Ω
tf
--
25
40
nS
Input Capacitance
Ciss
--
640
--
Output Capacitance
Coss
--
180
--
Reverse Transfer Capacitance
VDS = -10V, VGS = 0V,
f = 1.0MHz
Crss
--
90
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
-1.3
A
Diode Forward Voltage
IS = -1.3A, VGS = 0V
VSD
--
-0.75
-1.2
V
Note : pulse test: pulse width <=300uS, duty cycle <=2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com