Electronic Components Datasheet Search
  English  ▼

X  

SN54LS221J Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS221J
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS221J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54LS221J Datasheet HTML 6Page - Texas Instruments SN54LS221J Datasheet HTML 7Page - Texas Instruments SN54LS221J Datasheet HTML 8Page - Texas Instruments SN54LS221J Datasheet HTML 9Page - Texas Instruments SN54LS221J Datasheet HTML 10Page - Texas Instruments SN54LS221J Datasheet HTML 11Page - Texas Instruments SN54LS221J Datasheet HTML 12Page - Texas Instruments SN54LS221J Datasheet HTML 13Page - Texas Instruments SN54LS221J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B†
CLR
Q
Q
3 V
3 V
0 V
0 V
VOH
VOH
VOL
VOL
tw
≥ 60 ns
tPLH
tPHL
tPHL
tPLH
CONDITION 1: TRIGGER FROM B, THEN CLR
B†
CLR
Q
3 V
3 V
0 V
0 V
VOH
VOL
≥ 60 ns
CONDITION 2: TRIGGER FROM B, THEN CLR
B†
CLR
Q
3 V
3 V
0 V
0 V
VOH
VOL
≥ 50 ns
CONDITION 3: CLR OVERRIDING B, THEN TRIGGER FROM B
tsu
≥ 0
tw
Triggered
Not Triggered
† A is low.
Figure 1. Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com