Electronic Components Datasheet Search
  English  ▼

X  

486 Datasheet(PDF) 3 Page - France Joint

Part # 486
Description  WIPER SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

486 Datasheet(HTML) 3 Page - France Joint

  486 Datasheet HTML 1Page - France Joint 486 Datasheet HTML 2Page - France Joint 486 Datasheet HTML 3Page - France Joint 486 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.francejoint.com
Ød2.2
L1
Drain
L2 min
R2
R1
INSTALLATION DIMENSIONS
Rod diameter
Ød1 f8/h9
Groove diameter
Bore diameter
Groove width
Step width
O’Ring
cross-section
O’Ring
cross-section
Standard range
Extended range
ØD1 H8
ØD2 H8
L1 0/+0.20
L2 +0/-0.10
Ød2.1
Ød2.2
140.0 - 229.9
100.0 - 450.0
d1 + 22.20
d1 + 10.70
6.30
4.20
5.33
3.53
230.0 - 299.9
220.0 - 450.0
d1 + 24.20
d1 + 10.70
6.30
4.20
5.33
3.53
300.0 - 629.9
250.0 - 650.0
d1 + 33.00
d1 + 15.10
8.10
6.30
6.99
5.33
630.0 - 999.9
550.0 - 999.9
d1 + 36.50
d1 + 15.10
9.50
6.30
8.40
5.33
* The codes that define the materials are set out in the materials table on the previous page.
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Rings - Code K6
Rod diameter _____ : Ød1 = 150.00 mm
Groove diameter __ : ØD1 = 172.20 mm
Part number______ : 486.150DBK6
Family
Rod diameter
Friction ring material*
O'Ring materials*
486.
150
DB
K6
Part number -
HYDRAULIC SEALS | WIPER SEALS |
BECA 486



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com