Electronic Components Datasheet Search
  English  ▼

X  

512 Datasheet(PDF) 2 Page - France Joint

Part # 512
Description  PISTON SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

512 Datasheet(HTML) 2 Page - France Joint

  512 Datasheet HTML 1Page - France Joint 512 Datasheet HTML 2Page - France Joint 512 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.francejoint.com
TABLE MATERIALS
Friction ring
Flexible ring
Mating surface
material
Standard
code
Type of material
Colour
Code
Type of material
Service temperature
DB
PTFE + 60% Bronze
Dark brown
K8
NBR 80 Shore A
-30°C/+100°C
Steel
Chrome steel
Cast iron
G8
FKM 80 Shore A
-20°C / +115°C*
Other grades of materials are available depending on your specificities.
* Temperature limited due to the combination of polyoxymethylene (POM) back-up rings
HYDRAULIC SEALS | PISTON SEALS |
BECA 512



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com