Electronic Components Datasheet Search
  English  ▼

X  

TPP20608 Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPP20608
Description  17-V Input, 6-A, Synchronous Step-Down DC-DC Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPP20608 Datasheet(HTML) 4 Page - 3PEAK INC.

  TPP20608 Datasheet HTML 1Page - 3PEAK INC. TPP20608 Datasheet HTML 2Page - 3PEAK INC. TPP20608 Datasheet HTML 3Page - 3PEAK INC. TPP20608 Datasheet HTML 4Page - 3PEAK INC. TPP20608 Datasheet HTML 5Page - 3PEAK INC. TPP20608 Datasheet HTML 6Page - 3PEAK INC. TPP20608 Datasheet HTML 7Page - 3PEAK INC. TPP20608 Datasheet HTML 8Page - 3PEAK INC. TPP20608 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin Configuration and Functions
TPP20608
QFN3.5X3.5-14 Package
Top View
GND
2
3
4
5
6
13
12
11
9
10
8
7
1
14
GND
VIN
VIN
VIN
VSENSE
COMP
SS/TR
EN
PH
BOOT
PH
PWRGD
RT/CLK
Exposed Pad
Table 1. Pin Functions: TPP36208
Pin
Name
I/O
Description
BOOT
13
Bootstrap capacitor between BOOT and PH.
Recommend using a 0.1-µF ceramic capacitor with a 10-V or higher voltage rating.
COMP
8
Error amplifier output and input to the PWM comparator.
Connect the frequency compensation network to this pin.
EN
10
Device enable pin with internal pull-up current source. Threshold can be increased
via external resistors.
GND
2, 3
Device ground pin.
PH
11, 12
Switching node.
PWRGD
14
Open-drain power-good output.
RT/CLK
1
Frequency selection and external clock input. When using it as frequency setting
mode, an external connected resistor sets the switching frequency; When using it
as clock synchronization input, the input is a high impedance clock input for internal
PLL.
SS/TR
9
Soft-start and tracking input. When using the soft-start mode, an external capacitor
connected to this pin sets output ramping time; When using track/sequence mode,
the voltage on this pin overrides the internal voltage reference thus setting the output
voltage.
VIN
4, 5, 6
Supply voltage with 4.5-V to 17-V operating range.
VSENSE
7
Feedback input, connected to the internal inverting input of gm error amplifier.
Exposed
Pad
15
Device exposed pad must be connected to GND with heat sink area for thermal
dissipation.
TPP20608x
17-V Input, 6-A, Synchronous Step-Down DC-DC Voltage Converter
www.3peak.com
4 / 22
EA20230403A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com