Electronic Components Datasheet Search
  English  ▼

X  

MB89183LPF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89183LPF
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89183LPF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89183LPF Datasheet HTML 35Page - fujitsu semiconductor MB89183LPF Datasheet HTML 36Page - fujitsu semiconductor MB89183LPF Datasheet HTML 37Page - fujitsu semiconductor MB89183LPF Datasheet HTML 38Page - fujitsu semiconductor MB89183LPF Datasheet HTML 39Page - fujitsu semiconductor MB89183LPF Datasheet HTML 40Page - fujitsu semiconductor MB89183LPF Datasheet HTML 41Page - fujitsu semiconductor MB89183LPF Datasheet HTML 42Page - fujitsu semiconductor MB89183LPF Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
MB89180L Series
39
s EXAMPLE CHARACTERISTICS
(1) “L” Level Output Voltage
(2) “H” Level Output Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15
20
25
VOL2 vs. IOL
IOL (mA)
VCC = 3.5 V
VCC = 4.0 V
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
VOL1 vs. IOL
IOL (mA)
VCC = 2.0 V VCC = 2.5 V VCC = 3.0 V
VCC = 3.5 V
VCC = 4.0 V
0
0.2
0.4
0.6
0.8
1
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
IOH (mA)
VCC = 3.5 V
VCC = 4.0 V
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
VCC - VOH1 vs. IOH
0
0.1
0.2
0.3
0.4
0.5
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
IOH (mA)
VCC = 3.5 V
VCC = 4.0 V
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
VCC - VOH2 vs. IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com