Electronic Components Datasheet Search
  English  ▼

X  

749 Datasheet(PDF) 2 Page - France Joint

Part # 749
Description  STATIC SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

749 Datasheet(HTML) 2 Page - France Joint

  749 Datasheet HTML 1Page - France Joint 749 Datasheet HTML 2Page - France Joint 749 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.francejoint.com
|
TABLE MATERIALS
Other grades of materials are available depending on your specificities.
Profiled seal
V-spring
Mating surface
material
Standard
code
ISO
code
Material
Colour
Characteristics
Code Type of material
Service
temperature
DP
P
Virgin PTFE
White
Resistance to chemical products
Impermeability
Dielectric
Non-stick
Low friction coefficient
Food industry
I
X10 Cr Ni 18-8
-200°C/+260°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
DC
C
PTFE + 25%
Carbon
Grey
Improvements
• Wear properties
• Compression set
Good resistance to chemical products
Thermal and electrical conductivity
Anti-static
High-performing in compression-based
dynamic applications
I
X10 Cr Ni 18-8
-200°C/+260°C
CG
C
PTFE + 23%
Carbon + 2%
Graphite
Black
I
X10 Cr Ni 18-8
-200°C/+260°C
DV
V
PTFE + 25 %
Glass
Blue
Improvements
• Wear properties
• Mechanical strength
Slightly more abrasive, however, this is
corrected by adding MOS2
Maintains its chemical and dielectric
properties
Well-suited to applications with rotational
and simultaneous alternating movements
I
X10 Cr Ni 18-8
-200°C/+260°C
Steel
Chrome steel
Cast iron
VM
M
PTFE + 15 %
Glass + 5%
MOS2
Grey
I
X10 Cr Ni 18-8
-200°C/+260°C
DX
X
PTFE GL Blue
+ Glass +
Metal oxides
Turquoise
blue
Resistance to compression
Resistance to wear
Excellent chemical stability
Good thermal conductivity
I
X10 Cr Ni 18-8
-200°C/+260°C
DG
G
PTFE + 15%
Graphite
Black
Improvements
• Wear properties
Reduced wear on metal parts
Self-lubricating
Thermal and electrical conductivity
Low permeability
Good friction coefficient
Anti-static
High performing in dynamic self-lubricating
applications
I
X10 Cr Ni 18-8
-200°C/+260°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
K1
K
PTFE + 10%
Ekonol
Light
brown
Improvements
• Better abrasion resistance
• Better dimensional stability at high
temperatures
Use up to +300°C
Good friction coefficient and low
permeability
I
X10 Cr Ni 18-8
-200°C/+260°C
K2
K
PTFE + 20%
Ekonol
Light
brown
I
X10 Cr Ni 18-8
-200°C/+260°C
DB
B
PTFE + 60%
Bronze
Dark
brown
Improvements
• Wear properties
• Warping resistance and creep strength
• Compression resistance
Self-lubricating
Electrical and thermal conductivity
Does not alter the metal parts
Reduced hold with certain chemical
products
Used for high-compression dynamic seals
and has a low level of wear
I
X10 Cr Ni 18-8
-200°C/+260°C
Steel
Chrome steel
Cast iron
B4
B
PTFE + 40%
Bronze
Dark
brown
I
X10 Cr Ni 18-8
-200°C/+260°C
HG
HG
PE-UHMW
White or
off-white
Excellent wear resistance on contact with
water and air
I
X10 Cr Ni 18-8
-70°C/+80°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
STATIC SEALS | |
BECA 740 - 749



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com