Electronic Components Datasheet Search
  English  ▼

X  

804 Datasheet(PDF) 2 Page - France Joint

Part # 804
Description  SHAFT SEALS WITH PTFE LIPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

804 Datasheet(HTML) 2 Page - France Joint

  804 Datasheet HTML 1Page - France Joint 804 Datasheet HTML 2Page - France Joint 804 Datasheet HTML 3Page - France Joint 804 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.francejoint.com
Temperature / Media
Media
Maximum temperature depending on the materials
PTFE
Mineral oils
Oils for motors
+150°C
Oils for gearboxes
+150°C
Oils for hypoid gears
+150°C
ATF oils
+150°C
Hydraulic oils
+150°C
Greases
+150°C
Fire-resistant
fluids
HFA group - Emulsion with more than 80% water
+
HFB group - Opposite solution (water in oil)
+
HFC group - Polymer aqueous solution
+
HFD group - Water-free synthetic fluids
+150°C
Other fluids
EL + L heating oil
+
Air
+150°C
Water
+
Water for washing
+
Temperature range
Min.
-60°C
Max.
+200°C
|
|
TECHNICAL DATA
Speed
0
0
20
40
60
80 100 120 140 160 180 200
5
10
15
20
25
30
35
40
500
1000
1500
2000
2500
3000
3500
4500 4000
5000
6000
7000
9000
15000
30000
8000
10000
Shaft diameter (mm)
FKM / VMQ
ACM / AEM / HNBR
NBR
PTFE
Linear speed calculation:
s (m/s) =
[shaft Ø (mm)  x  speed (rpm)  x   π]
 
60,000
ROTARY SEALS | SHAFT SEALS WITH PTFE LIPS |
BECA 804



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com