Electronic Components Datasheet Search
  English  ▼

X  

889 Datasheet(PDF) 3 Page - France Joint

Part # 889
Description  PTFE SHAFT SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

889 Datasheet(HTML) 3 Page - France Joint

  889 Datasheet HTML 1Page - France Joint 889 Datasheet HTML 2Page - France Joint 889 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L1 min
BECA 889
BECA 880
R1
L2
C
30°
INSTALLATION DIMENSIONS
Series
Rod diameter
Ød1 f8/h9
Groove diameter
Groove width
Chamfer
Radius
BECA 880
Standard range
BECA 880
Extended range
ØD1 H9
ØD2 H10
L1 min
L2
C
R
880.1
5.0 - 19.9
20.0 - 200.0
d1 + 5.00
d1 + 9.00
3.60
0.85  0/-0.10
0.80
0.30
880.2
20.0 - 39.9
20.0 - 400.0
d1 + 7.00
d1 + 12.50
4.80
1.35  0/-0.15
1.10
0.40
880.3
40.0 - 399.9
320.0 - 700.0
d1 + 10.50
d1 + 17.50
7.10
1.80  0/-0.20
1.40
0.50
880.4
400.0 - 999.9
35.0 - 999.9
d1 + 14.00
d1 + 22.00
9.50
2.80  0/-0.20
1.60
0.60
* The codes that define the materials are set out in the materials table on the previous page.
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : PTFE + 25% Carbon profiled seal - Code DC
________________ : Stainless steel V-Shaped spring - Code I
Shaft diameter ____ : Ød1 + 20.00 mm
Groove diameter __ : ØD1 = 27.00 mm
Groove diameter __ : ØD2 = 32.50 mm
Part number______ : 880.2020DCI
Family
Shaft diameter
Profiled seal material*
V-Shaped spring material*
880.2
020
DC
I
Part number -
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
ROTARY SEALS | PTFE SHAFT SEALS |
BECA 880 - 889



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com