Electronic Components Datasheet Search
  English  ▼

X  

841.030 Datasheet(PDF) 1 Page - France Joint

Part # 841.030
Description  ROTO SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

841.030 Datasheet(HTML) 1 Page - France Joint

  841.030 Datasheet HTML 1Page - France Joint 841.030 Datasheet HTML 2Page - France Joint 841.030 Datasheet HTML 3Page - France Joint 841.030 Datasheet HTML 4Page - France Joint 841.030 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The BECA 841 - 843 roto seals are
single or double acting piston rotary
seals composed of a filled PTFE grooved
friction ring and a rubber O'Ring.
ADVANTAGES
Low friction coefficient; no
stick-slip effect on start up
Excellent abrasion and
extrusion resistance
The grooves provide an
integrated lubrication system
Excellent dimensional stability
APPLICATIONS
Rotary distributors
Handlers
Hydraulic motors
MATERIALS
Friction ring
Bronze-filled PTFE
Carbon-filled PTFE
Virgin PTFE
O'Ring
NBR 70 Shore A
FKM 70 Shore A
ROTO SEALS
BECA
841-843
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
30 MPa
Speed
2 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
10 MPa
20 MPa
2.45
0.15
0.10
3.75
0.20
0.15
5.50
0.25
0.20
7.75
0.30
0.25
10.50
0.30
0.25
14.00
0.45
0.30
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Ra
0.05 - 0.2 µm
≤1.6 µm
Rz
0.4 - 1.6 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤16.0 µm
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.20
0.40
2.00
3.75
0.20
0.60
2.50
5.50
0.20
1.00
3.50
7.75
0.20
1.30
5.00
10.50
0.20
1.80
6.50
14.00
0.20
2.50
17.50
ROTARY SEALS | ROTO SEALS |
BECA 841 - 843
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS


Similar Part No. - 841.030

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
841 KEYSIGHT-841 Datasheet
757Kb / 10P
AC Power Source/Analyzers, 375-1750 VA An integrated AC power solution
October 2, 2017
logo
AUER Signal GmbH
841 000 900 AUERSIGNAL-841 000 900 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
841 501 900 AUERSIGNAL-841 501 900 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
841 511 900 AUERSIGNAL-841 511 900 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
841 521 900 AUERSIGNAL-841 521 900 Datasheet
617Kb / 4P
Modul-Compete 50 modular Signal tower
More results

Similar Description - 841.030

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Weidmuller
9028680000 WEIDMULLER-9028680000 Datasheet
61Kb / 2P
Assortment crimping tool, Crimping tool: PZ 6 Roto L
September 9, 2021
2831380000 WEIDMULLER-2831380000 Datasheet
49Kb / 2P
PZ 6 ROTO ADJ
18.11.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com