Electronic Components Datasheet Search
  English  ▼

X  

640.044 Datasheet(PDF) 2 Page - France Joint

Part # 640.044
Description  ROD SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

640.044 Datasheet(HTML) 2 Page - France Joint

  640.044 Datasheet HTML 1Page - France Joint 640.044 Datasheet HTML 2Page - France Joint 640.044 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.francejoint.com
R2
L1
R1
C
|
|
INSTALLATION DIMENSIONS
Rod diameter
Groove diameter
Groove width
Radial section
Cross-section
Ød1 f8
ØD1 H9
L1 0/+0.20
S
Ød2
3.0 - 11.9
d1 + 2.60
1.35
1.30
1.00
12.0 - 23.9
d1 + 4.00
2.00
2.00
1.78
24.0 - 33.9
d1 + 5.20
2.60
2.60
2.00
34.0 - 45.9
d1 + 6.50
3.20
3.25
2.62
46.0 - 58.9
d1 + 7.80
3.85
3.90
3.00
59.0 - 80.9
d1 + 9.10
4.50
4.55
3.53
81.0 - 129.9
d1 + 10.20
5.10
5.20
4.00
130.0 - 199.9
d1 + 11.70
5.70
5.85
5.00
200.0 - 299.9
d1 + 13.00
6.35
6.50
5.33
300.0 - 399.9
d1 + 15.60
7.60
7.80
6.99
400.0 - 599.9
d1 + 20.80
10.10
10.40
8.40
600.0 - **
d1 + 26.00
12.60
13.00
12.00
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (groove/rod) or selecting other, more suitable materials. Please
contact our experts.
|
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Polyamide friction ring - D6
________________ : NBR 70 Shore A O'Ring / square ring - Code K6
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 57.80 mm
Part number______ : 640. 050D6K6
Family
Rod diameter
Friction ring material
O'Ring / square ring material
640.
050
D6
K6
Part number -
HYDRAULIC SEALS | ROD SEALS |
BECA 640



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com