Electronic Components Datasheet Search
  English  ▼

X  

640.052 Datasheet(PDF) 1 Page - France Joint

Part # 640.052
Description  ROD SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

640.052 Datasheet(HTML) 1 Page - France Joint

  640.052 Datasheet HTML 1Page - France Joint 640.052 Datasheet HTML 2Page - France Joint 640.052 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Pressure
MPa
Radial gap
F/2
20 MPa
0.25
35 MPa
0.20
40 MPa
0.15
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
1.30
0.30
0.10
2.00
2.00
0.30
0.20
2.00
2.60
0.30
0.20
2.00
3.25
0.30
0.20
3.00
3.90
0.30
0.20
3.00
4.55
0.30
0.20
4.00
5.20
0.30
0.30
4.50
5.85
0.30
0.30
5.00
6.50
0.30
0.40
5.50
7.80
0.30
0.40
6.00
10.40
0.30
0.60
8.00
13.00
0.30
0.80
10.00
|
DESCRIPTION
The BECA 640 profile is a double
acting composite rod seal composed
of a rubber O'Ring or square ring
and a polyamide friction ring.
|
ADVANTAGES
The square ring does not twist
Low friction coefficient
Excellent extrusion resistance
Compatible with hydraulic oils
|
APPLICATIONS
Agriculture
Mobile machinery
Hydraulic cylinders
|
MATERIALS
Friction ring
Polyamide PA6
O'Ring or square ring
NBR 70 Shore A
Other grades of materials are available.
Please contact our experts.
|
|
TECHNICAL DATA
Temperature
-30°C / +100°C
Pressure
40 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA 640
HYDRAULIC SEALS | ROD SEALS |
BECA 640


Similar Part No. - 640.052

ManufacturerPart #DatasheetDescription
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
640 LITTELFUSE-640 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
640 OSCILENT-640 Datasheet
141Kb / 3P
Quartz Stability
logo
3M Electronics
640 3M-640 Datasheet
567Kb / 6P
3M™ Scotch® Transparent Film Tape 640
Oct-2016
logo
Littelfuse
640 LITTELFUSE-640 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 640.052

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com