Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 58Page - fujitsu semiconductor MB90583C Datasheet HTML 59Page - fujitsu semiconductor MB90583C Datasheet HTML 60Page - fujitsu semiconductor MB90583C Datasheet HTML 61Page - fujitsu semiconductor MB90583C Datasheet HTML 62Page - fujitsu semiconductor MB90583C Datasheet HTML 63Page - fujitsu semiconductor MB90583C Datasheet HTML 64Page - fujitsu semiconductor MB90583C Datasheet HTML 65Page - fujitsu semiconductor MB90583C Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
MB90580C Series
62
13. D/A Converter
D/A converter is an R-2R type D/A converter with 8-bit resolution. The device contains two D/A converters. The
D/A control register controls the output of the two D/A converters independently.
(1) Register configuration
• D/A converter data register 1
bit
151413121110
9
8
Address
: 00003BH
DA17 DA16 DA15 DA14 DA13 DA12 DA11 DA10
DAT1
Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
• D/A converter data register 0
bit
76543210
Address
: 00003AH
DA07 DA06 DA05 DA04 DA03 DA02 DA01 DA00
DAT0
Access (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(0)
(0)
(0)
(0)
(0)
(0)
(0)
(0)
• D/A control register 1
bit
151413121110
9
8
Address
: 00003DH
 DAE1
DACR1
Access
(
) () () () () () () (R/W)
Initial value
(
) () () () () () ()
(0)
• D/A control register 0
bit
76543210
Address
: 00003CH
 DAE0
DACR0
Access
(
) () () () () () () (R/W)
Initial value
(
) () () () () () ()
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com