Electronic Components Datasheet Search
  English  ▼

X  

TMXCT05 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXCT05
Description  SAW Bandpass Filters | Wireless Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXCT05 Datasheet(HTML) 2 Page - Rakon Limited

  TMXCT05 Datasheet HTML 1Page - Rakon Limited TMXCT05 Datasheet HTML 2Page - Rakon Limited TMXCT05 Datasheet HTML 3Page - Rakon Limited TMXCT05 Datasheet HTML 4Page - Rakon Limited TMXCT05 Datasheet HTML 5Page - Rakon Limited TMXCT05 Datasheet HTML 6Page - Rakon Limited TMXCT05 Datasheet HTML 7Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TMX CT05
SAW Bandpass Filters | Wireless Communications
Issue: Rev 4, 9 Jnanuary 2023
Specifications are subject to change without notice
Copyright © 2022 to 2023 Rakon Limited. All rights reserved
Page 1 of 6
www.rakonxpress.com
Features
Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-45
125
°C
Operating temperature range (T
A)
-40
125
°C
ESD Voltage (HB)
150
V
DC permissive voltage
12
V
Maximum RF Power
15
dBm
Frequency and Electrical Characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Center frequency (fc)
866.5
MHz
Bandwidth (BW, passband width)
7.00
MHz
Insertion Loss (IL, 863.0 – 870.0 MHz)
2.4
3.2
dB
Amplitude ripple (863.0 – 870.0 MHz)
0.3
1.0
dB
Absolute Attenuation
From DC to 800.0 MHz
From 800.0 to 830.0 MHz
From 830.0 to 850.0 MHz
From 885.0 to 905.0 MHz
From 905.0 to 1500 MHz
From 1500 to 2000 MHz
52
45
30
25
47
40
57
50
35
30
54
45
dB
VSWR (863.0 – 870.0 MHz)
1.5
2.0
Source impedance2 (Single ended)
50
Ω
Load impedance2 (Single ended)
50
Ω
1
Typical values are nominal performances at room temperature
2 No external matching is required
Features
Applications
3.0 x 3.0 x 1.3 mm
866.5 MHz center frequency
Ceramic package for Surface Mounted Technology
Low-loss RF SAW Filter
Wide Passband Width ± 3.5 MHz
Low amplitude ripple
50 Ω Single Configuration. No matching network required
Remote control - RF
Wireless applications:
o Home appliances
o Security systems



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com