Electronic Components Datasheet Search
  English  ▼

X  

MB90F482PF Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # MB90F482PF
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 58Page - fujitsu semiconductor MB90F482PF Datasheet HTML 59Page - fujitsu semiconductor MB90F482PF Datasheet HTML 60Page - fujitsu semiconductor MB90F482PF Datasheet HTML 61Page - fujitsu semiconductor MB90F482PF Datasheet HTML 62Page - fujitsu semiconductor MB90F482PF Datasheet HTML 63Page - fujitsu semiconductor MB90F482PF Datasheet HTML 64Page - fujitsu semiconductor MB90F482PF Datasheet HTML 65Page - fujitsu semiconductor MB90F482PF Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
MB90480/485 Series
62
12. PWC Timer (MB90485 series only)
The PWC timer is a 16-bit multifunction up-count timer capable of measuring the pulse width of the input signal.
A total of three channels are provided, each consisting of a 16-bit up-count timer, an input pulse divider & divide
ratio control register, a measurement input pin, and a 16-bit control register. These components provide the
following functions.
Timer function :
• Capable of generating an interrupt request at fixed intervals specified.
• The internal clock used as the reference clock can be selected from
among three types.
Pulse width measurement function :
• Measures the time between arbitrary events based on external pulse
inputs.
• The internal clock used as the reference clock can be selected from
among three types.
• Measurement modes
- “H” pulse width (
↑ to ↓) /“L” pulse width (↑ to ↓)
- Rising cycle (
↑ to ↑) /Falling cycle (↓ to ↓)
- Measurement between edges (
↑ or ↓ to ↓ or ↑)
• The 8-bit input divider can be used for division measurement by dividing
the input pulse by 22
× n (n = 1, 2, 3, 4) .
• An interrupt can be generated upon completion of measurement.
• One-time measurement or fast measurement can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com