Electronic Components Datasheet Search
  English  ▼

X  

S7908PI Datasheet(PDF) 1 Page - AUK corp

Part # S7908PI
Description  Fixed-Negative-Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7908PI Datasheet(HTML) 1 Page - AUK corp

  S7908PI Datasheet HTML 1Page - AUK corp S7908PI Datasheet HTML 2Page - AUK corp S7908PI Datasheet HTML 3Page - AUK corp S7908PI Datasheet HTML 4Page - AUK corp S7908PI Datasheet HTML 5Page - AUK corp S7908PI Datasheet HTML 6Page - AUK corp S7908PI Datasheet HTML 7Page - AUK corp S7908PI Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-I0O004-001
1
S79xxPI
Fixed-Negative-Voltage Regulator
Descriptions
This series of fixed-negative-voltage monolithic integrated-circuit voltage regulators is
designed to complement series S7800 in a wide range of applications. These applications
include on-card regulator for elimination of noise and distribution problems associated with
single point regulations. Each of these regulators can deliver up to 1.0 amperes of output
current. The internal current Limiting and thermal shutdown features of these regulators
make them essentially immune to overload. In addition to use as fixed-voltage regulators,
these devices can be used with external components to obtain adjustable output voltages
and also as the power pass element in precision regulators.
Features
• Output Current of 1A
• Thermal Shutdown Protection
• Short-Circuit Current Limit Protection
• No External Components
• Output Transistor Safe Operating Area Protection
Ordering Information
Type NO.
Marking
Package Code
S79xxPI
S79□□PI
TO-220F-3L
□□
: Voltage Code (05: -5V, 08: -8V, 09: -9V, 12: -12V, 15: -15V)
Outline Dimensions
unit: mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. GND
2. Input
3. Output
9.80~10.20
Φ3.05~3.35
1.07 Min.
0.90 Max.
2.54 Typ.
2.54 Typ.


Similar Part No. - S7908PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7908PI AUK-S7908PI Datasheet
270Kb / 8P
Fixed-Negative-Voltage Regulator
S7908PIC AUK-S7908PIC Datasheet
271Kb / 8P
Fixed-Negative-Voltage Regulator
S7908PIC AUK-S7908PIC Datasheet
301Kb / 8P
Fixed-Negative-Voltage Regulator
More results

Similar Description - S7908PI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
Fixed-Negative-Voltage Regulator
logo
Fairchild Semiconductor
KA7912 FAIRCHILD-KA7912 Datasheet
117Kb / 15P
FIXED VOLTAGE REGULATOR (NEGATIVE)
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
Negative Fixed Voltage Regulator
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
Negative Fixed Voltage Regulator
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com