Electronic Components Datasheet Search
  English  ▼

X  

S7912PI Datasheet(PDF) 2 Page - AUK corp

Part # S7912PI
Description  Fixed-Negative-Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7912PI Datasheet(HTML) 2 Page - AUK corp

  S7912PI Datasheet HTML 1Page - AUK corp S7912PI Datasheet HTML 2Page - AUK corp S7912PI Datasheet HTML 3Page - AUK corp S7912PI Datasheet HTML 4Page - AUK corp S7912PI Datasheet HTML 5Page - AUK corp S7912PI Datasheet HTML 6Page - AUK corp S7912PI Datasheet HTML 7Page - AUK corp S7912PI Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-I0O004-001
2
S79xxPI
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Operating Input Voltage
VIN
-35
V
Power Dissipation (Tc=25℃)
PD
20.8
W
Power Dissipation (without Heatsink)
PD
2.0
W
Operating Temperature Range
Topr
-40 ~ 85
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
Electrical Characteristics
(TJ = 0 to 125℃, Vin= -10V, Iout=500mA, unless otherwise specified.)
S7905PI
Characteristic
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
Tj =25℃
-5.20
-5.0
-4.80
Output Voltage**
VOUT
IOUT=5mA ~ 1A, VIN=-20V ~ -7.0V
-5.25
-5.0
-4.75
V
VIN=-25V ~ -7.0V
-
12.5
50
Line Regulation
VOUT
VIN=-12V ~ -8.0V
Tj =25℃
-
4
15
mV
IOUT=5mA ~ 1.0A
-
15
100
Load Regulation
VOUT
IOUT=250mA ~ 750mA
Tj =25℃
-
5
50
mV
Quiescent Current
IB
Tj =25℃
-
1.5
2.0
mA
VIN = -25V ~ -7.0V
-
0.15
0.5
Quiescent Current Change
IB
IOUT = 5mA ~ 1A
-
0.08
0.5
mA
Output Noise Voltage
VN
f=10Hz ~ 100KHz
Tj =25℃
-
125
-
uVrms
Ripple Rejection Ratio
RR
f=120
Hz, VIN =-18V ~ -8.0V
54
60
-
dB
Dropout Voltage
VD
IOUT=1A
Tj =25℃
-
2.0
-
V
Temperature Coefficient of
Output Voltage Drift
TCVO
IOUT=5mA
-
-0.4
-
mV/
°C
Peak Output Current
IPK
Tj =25℃
-
2.1
-
A
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com