Electronic Components Datasheet Search
  English  ▼

X  

1435214 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1435214
Description  HC-M-RJ45-AD-PC2-M - Contact insert module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1435214 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1435214 Datasheet HTML 1Page - PHOENIX CONTACT 1435214 Datasheet HTML 2Page - PHOENIX CONTACT 1435214 Datasheet HTML 3Page - PHOENIX CONTACT 1435214 Datasheet HTML 4Page - PHOENIX CONTACT 1435214 Datasheet HTML 5Page - PHOENIX CONTACT 1435214 Datasheet HTML 6Page - PHOENIX CONTACT 1435214 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical properties
Rated voltage (III/3)
48 V
Rated surge voltage
0.8 kV
Rated current
1 A
Transmission characteristics (category)
CAT6A (IEC 60512-27-100:2008, TIA-568-C.2:2009)
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 500
Material specifications
Flammability rating according to UL 94
V0
Contact carrier material
PC
Standards/regulations
PC: Fire protection in rail vehicles - requirement sets R22, R23,
and R24 acc. to DIN EN 45545-2 (Risk level HL1 - HL3)
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Standards and regulations
Testing
Standards/regulations
PC: Fire protection in rail vehicles - requirement sets R22, R23,
and R24 acc. to DIN EN 45545-2 (Risk level HL1 - HL3)
HC-M-RJ45-AD-PC2-M - Contact insert module
1435214
https://www.phoenixcontact.com/us/products/1435214
Nov 7, 2024, 6:17 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com