Electronic Components Datasheet Search
  English  ▼

X  

SA3418B Datasheet(PDF) 2 Page - AUK corp

Part # SA3418B
Description  LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SA3418B Datasheet(HTML) 2 Page - AUK corp

  SA3418B Datasheet HTML 1Page - AUK corp SA3418B Datasheet HTML 2Page - AUK corp SA3418B Datasheet HTML 3Page - AUK corp SA3418B Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2C007-000
2
SA3418 / SA3418(B)
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power Dissipation
PD
75
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature range
Topr
-25 85
∼
℃
Storage Temperature range
Tstg
-30 100
∼
℃
*2Soldering Temperature
Tsol
260
for
℃
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF= 20mA
-
2.1
2.5
V
*3Luminous Intensity
IV
IF= 20mA
6
-
43
mcd
Peak Wavelength
λP
IF= 20mA
-
630
-
nm
Spectrum Bandwidth
∆λ
IF= 20mA
-
35
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*4Half Angle
θ1/2
IF= 20mA
-
±45
-
deg
*4. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*3. Luminous intensity maximum tolerance for each grade classification limit is ±18%
*3. Luminous Intensity Classification
F
G
H
I
6 ~ 10
10 ~ 17
17 ~ 27
27 ~ 43



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com