Electronic Components Datasheet Search
  English  ▼

X  

TSIC506FCT Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC506FCT
Description  High Precision Temperature Sensor IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC506FCT Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  TSIC506FCT Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC506FCT Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Analog Mixed Signal Company
TSic™ High Precision
Temperature Sensor IC
Features
• Best accuracy on the market (±0.1°C)
• Fast response
• Long-term stability
• Calibrated, ready to use
• Output: absolute analog voltage (0 to +1V)
or digital one-wire (11bit)
• Supply voltage +2.97 to +5.5V for TSic 106, 206, 306;
+4.5 to +5.5V for TSic 101, 201, 301, 506
• Low current consumption (typ. 45µA)
• Measurement range –50 to +150°C
• Different accuracy classes available
(with 100% upward compatibility)
• Available in different packages (TO92, SOP8, COF)
or as bare die
Benefits
• No external trimming components needed
• No calibration by customer necessary
• Small, simple to integrate
• Ideal for portable and battery operated applications
Brief Description
TSic™ is a leading-edge digital temperature sensor IC,
combining outstanding accuracy with fast response and long-
term stability.
The device is very simple to use, fully tested and calibrated for
accuracy on delivery – no further calibration is needed.
TSic™ is available in different accuracy classes and provides an
absolute analog voltage output (0 to +1V) or an 11bit digital
output at the one-wire serial interface.
TSic™ is specifically designed for high-performance, cost-
effective temperature sensing in medical instruments,
industrial process control, automobiles, building automation,
white goods, office equipment and mobile measurement
devices.
• Samples and TSic™ LABkit available
• Application support available
• Customized calibration possible
Product Version Resolution
T-Range 1
Accuracy 1 T-Range 2
Accuracy 2 T-Range 3
Accuracy 3
TSic 101/106
0.1°C +15°C to +25°C
< ±0.5°C
0°C to +40°C
< ±1.0°C -50°C to +150°C
no limits,
typ. ±1.5°C
TSic 201/206
0.1°C +10°C to +90°C
< ±0.5°C -20°C to +110°C
< +0.95°C
> -0.5°C
-50°C to +150°C
< +2.0°C
> -0.5°C
TSic 301/306
0.1°C +10°C to +90°C
< ±0.3°C -20°C to +110°C
< +0.95°C
> -0.3°C
-50°C to +150°C
< +2.0°C
> -0.3°C
TSic 506
0.034°C
+5°C to +45°C
< ±0.1°C
-5°C to +55°C
< +0.2°C
> -0.1°C
-10°C to +60°C
< +0.3°C
> -0.1°C
T-Range 3
T-Range 2
T-Range 1
Application
Circuit Example
Based on
Calibration Technology


Similar Part No. - TSIC506FCT

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-101 ZMD-TSIC-101 Datasheet
168Kb / 3P
Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
Rapid Response, Low-Cost Temperature Sensor IC
TSIC-201 ZMD-TSIC-201 Datasheet
168Kb / 3P
Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-301 ZMD-TSIC-301 Datasheet
168Kb / 3P
High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
More results

Similar Description - TSIC506FCT

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6611 NPC-SM6611 Datasheet
62Kb / 4P
Miniature High-Precision Temperature Switch IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
TEMPERATURE SENSOR IC
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
TEMPERATURE SENSOR IC
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Zentrum Mikroelektronik...
TSIC-306 ZMD-TSIC-306 Datasheet
460Kb / 2P
High Precision, Rapid Response, Low Cost Temperature Sensor IC
TSIC-506 ZMD-TSIC-506 Datasheet
455Kb / 2P
High Resolution, High Precision, Rapid Response Temperature Sensor IC
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com