Electronic Components Datasheet Search
  English  ▼

X  

IT034 Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # IT034
Description  Intelligent transmitter (iT) accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

IT034 Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  IT034 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. IT034 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
78014 Rev.C.1 10/18
Wilcoxon Sensing Technologies
Terminal block
Fuses
Screwdriver
Model Size
Type
Description
iT053
5 mm
end
stop
DIN rail mounted end-stops are used to keep mounted modules
and blocks on the DIN rail from sliding.
iT054
6.2 mm fused
terminal
block
A fused terminal block is used to pass the AC mains line connec-
tion to the power supply. In the US, this is usually the black wire
for single phase power. The removable pull fuse can be used as
a local point to disconnect when service is required within the DIN
box.
iT055
6.2 mm unfused
terminal
block
An unfused terminal block is used to pass the AC mains neutral
connection to the power supply. In the US, this is usually the white
wire.
iT056
6.2 mm ground
terminal
block
Terminal block includes clamp to ground DIN rail and can be used
as end-stop. This block is used to pass the AC mains ground con-
nection to the power supply. In the US, this is usually the green
wire. The block has no disconnect pull or fuse.
iT057
5 mm
fuse
holder
Spare fuse holder used in the iT054. The iT054 is shipped with
one iT057.
iT058
N/A
marker
strip
Zack strip with custom “L N G” labeling (for Line, Neutral, and
Ground) to use with iT054/055/056. Labels have the standard
terminology for AC mains connections.
Fast blow, glass fuses are used with iT power supplies, and fit into the iT057 fuse holder.
Model Size
Amp
Compatible power supply
iT061
5 x 20 mm
2.5
iT001
iT062
5 x 20 mm
5
iT002
iT064
5 x 20 mm
10
iT004
The lead (shield) extractor is a tool to aid in removing wires from braided shield cables. The
tool speeds the preparation of the ends of braided shielded cables for wiring terminations. The
lead extractor tools are sized to the outer diameter of cables.
Model Wire size
Compatible cabling
iT074
<0.100” OD
J5A, J6, J8, J61, J81, J81S
iT075
<0.130” OD
J9A, J9T2, J9T2A, J9T2AS, J9T3, J10, J11
Model Description
iT077
Small screwdriver for use with the module terminal block screws, large grip and small shank
Model Description
iT099
120 VAC, 6’ power cord (US outlets), uses standard 120 VAC 3-prong plug termination
Power cord
Lead extractor
DIN rail mounting equipment
iT053
iT057
iT054
iT055
iT056
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
info@wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
www.wilcoxon.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com