Electronic Components Datasheet Search
  English  ▼

X  

PR710 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PR710
Description  Rack mountable signal conditioners
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PR710 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  PR710 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
SPECIFICATIONS
PR710 series
Rack mountable signal conditioners
Accessories supplied: Power supply 47-63 Hz, 100-250 VAC
Options: Custom gain, filters and bench mount stand
Key features
• PR710A powers IEPE
accelerometers, PR710B powers
the 731 seismic sensor
• Selectable gain of x1, x10 or x100
• Continuous fault monitoring of
each channel
• Selectable filtering
• Manufactured in ISO 9001 facility
Input:
Voltage to transducer
24 VDC
Current to transducer
4 mA
Maximum input voltage (gain = 1)
6.5 V rms
Output impedance
50 Ω
Recommended load impedance
>50 kΩ
Maximum output voltage
6.5 V rms
Noise, RTI 2.5 to 25 kHz:
PR710A
PR710B
<20 µV rms
<5 µV rms
Spectral noise, input, nominal (dB/√Hz):
2 Hz
  10 Hz
  100 Hz
-140
-150
-150
Channels
10
Gain
1, 10, or 100
Gain accuracy
±0.2 dB
Frequency response:
None, < -3 dB
Filter, -3 dB
Velocity, -3 dB
0.05 - 45,000 Hz
0.05 - 1,000 Hz
1.0 - 20,000 Hz
Amplitude nonlinearity
<1%
Total harmonic distortion
<1%
Channel separation
>60 dB
Voltage, min.
28 - 30 VDC
Current, max
500 mA
Temperature range
0° to +55°C
Relative humidity, non-condensing
5% - 95%
Usable altitude limit
2,000 meters
Dimensions (W x H x D)
19 x 5.22 x 3.7 inches
Signal input connector:
PR710A
PR710B
isolated BNC
twin axial BNC
Signal output connector
isolated BNC
98718 Rev.B.1 09/18


Similar Part No. - PR710

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR7 CML-PR7 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR7 VCC-PR7 Datasheet
26Kb / 1P
Single Bayonet Base
logo
CUI INC
PR7 CUI-PR7 Datasheet
450Kb / 4P
POWER RELAY
08/15/2022
logo
CUI Devices
PR7 CUID-PR7 Datasheet
450Kb / 4P
POWER RELAY
08/15/2022
logo
Same Sky Devices
PR7 SAMESKY-PR7 Datasheet
389Kb / 4P
POWER RELAY
09/12/2024
More results

Similar Description - PR710

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com