Electronic Components Datasheet Search
  English  ▼

X  

REF2510R Datasheet(PDF) 8 Page - Amphenol Wilcoxon Sensing Technologies.

Part # REF2510R
Description  ReferenceMate portable reference source
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

REF2510R Datasheet(HTML) 8 Page - Amphenol Wilcoxon Sensing Technologies.

Back Button REF2510R Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 10Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 11Page - Amphenol Wilcoxon Sensing Technologies. REF2510R Datasheet HTML 12Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
97029 Rev.C.2 09/2020
Page 8 of 15
The equivalent peak to peak displacement values in mils are shown in Table 1a for reference.
For those using the metric system, Table 1b shows the equivalent values. All the values below
are represented in Graph 1.
Table 1a: English (1 g)
Table 1b: Metric (1 g = 9.81 m/s2)
Frequency
Velocity
Displacement
Hz
CPM
in/sec
mils, peak-peak
Peak mode
RMS mode
61.4
3684
1.00
5.18
7.34
100.0
6000
0.61
1.96
2.76
159.2
9552
0.39
0.77
1.09
Graph 1: The relationships between 61.4 Hz, 100 Hz, and 159.2 Hz
Frequency
Velocity
Displacement
Hz
CPM
mm/sec
µm, rms
Peak mode
RMS mode
61.4
3684
25.41
5.18
7.34
100.0
6000
15.61
1.96
2.76
159.2
9552
9.81
0.77
1.09
Constant displacement, µm
Constant velocity, mm/s
Constant velocity, ips
Constant acceleration, 1 g
61.4 Hz for imperial measurements
1 g (acceleration) and 1 ips (velocity)
100 Hz to verify standard
calibration sheet values
159.2 Hz for metric measurements
9.81 m/sec2 (acceleration) and 9.81 mm/sec (velocity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com