Electronic Components Datasheet Search
  English  ▼

X  

M68000 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # M68000
Description  8-/16-/32-Bit Microprocessors User?셲 Manual
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68000 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68000 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 189 page
background image
MOTOROLA
M68000 8-/16-/32-BIT MICROPROCESSORS USER'S MANUAL
4- 1
SECTION 4
8-BIT BUS OPERATION
The following paragraphs describe control signal and bus operation for 8-bit operation
during data transfer operations, bus arbitration, bus error and halt conditions, and reset
operation. The 8-bit bus operations devices are the MC68008, MC68HC001 in 8-bit mode,
and MC68EC000 in 8-bit mode. The MC68HC001 and MC68EC000 select 8-bit mode by
grounding mode during reset.
4.1 DATA TRANSFER OPERATIONS
Transfer of data between devices involves the following signals:
1. Address bus A0 through highest numbered address line
2. Data bus D0 through D7
3. Control signals
The address and data buses are separate parallel buses used to transfer data using an
asynchronous bus structure. In all cases, the bus master must deskew all signals it issues
at both the start and end of a bus cycle. In addition, the bus master must deskew the
acknowledge and data signals from the slave device. For the MC68HC001 and
MC68EC000, UDS is held negated and D15–D8 are undefined in 8-bit mode.
The following paragraphs describe the read, write, read-modify-write, and CPU space
cycles. The indivisible read-modify-write cycle implements interlocked multiprocessor
communications. A CPU space cycle is a special processor cycle.
4.1.1 Read Cycle
During a read cycle, the processor receives one byte of data from the memory or from a
peripheral device. When the data is received, the processor internally positions the byte
appropriately.
The 8-bit operation must perform two or four read cycles to access a word or long word,
asserting the data strobe to read a single byte during each cycle. The address bus in 8-bit
operation includes A0, which selects the appropriate byte for each read cycle. Figure 4-1
and 4-2 illustrate the byte read-cycle operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com