Electronic Components Datasheet Search
  English  ▼

X  

AMC317 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC317
Description  1.2A / 3-TERMINAL ADJUSTABLE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC317 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC317 Datasheet HTML 1Page - ADDtek Corp AMC317 Datasheet HTML 2Page - ADDtek Corp AMC317 Datasheet HTML 3Page - ADDtek Corp AMC317 Datasheet HTML 4Page - ADDtek Corp AMC317 Datasheet HTML 5Page - ADDtek Corp AMC317 Datasheet HTML 6Page - ADDtek Corp AMC317 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMC317
Copyright
© 2006 ADDtek Corp.
2
DD011_G
--
MARCH 2007
TYPICAL APPLICATION
Note 1: CIN is required if the regulator is far from the filter capacitor.
Note 2: COUT is recommended to improve the transient response.
R2
Note 3: VOUT = 1.25V
( 1 +
R1
) + I
ADJ (R2)
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input-Output Differential Voltage VD
……………..…………………………………………………………..20V
Operating Junction temperature
Plastic (T, ST Package) …………………………………………………………………………………… 150°C
Storage Temperature Range ………………………………………………………………………. -65°C to 150°C
Lead temperature (Soldering, 10 seconds) ………………………………………………………………….. 300°C
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
THERMAL DATA
T, ST PACKAGE:
Thermal Resistance-Junction to Tab,
θ
JT
3.0°C /W
Thermal Resistance-Junction to Ambient,
θ
JA
45°C /W
Junction Temperature Calculation:
TJ = TA + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θ
JA(
OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating materials.
The maximum power dissipation for a single-output regulator is :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where:
VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (150
OC – T
A)/PD
AMC317
VOUT
COUT
1
µF
CIN
0.1
µF
VIN
R1
240
Ω
R2
5K
ADJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com