Electronic Components Datasheet Search
  English  ▼

X  

AMC2244DM Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC2244DM
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2244DM Datasheet(HTML) 5 Page - ADDtek Corp

  AMC2244DM Datasheet HTML 1Page - ADDtek Corp AMC2244DM Datasheet HTML 2Page - ADDtek Corp AMC2244DM Datasheet HTML 3Page - ADDtek Corp AMC2244DM Datasheet HTML 4Page - ADDtek Corp AMC2244DM Datasheet HTML 5Page - ADDtek Corp AMC2244DM Datasheet HTML 6Page - ADDtek Corp AMC2244DM Datasheet HTML 7Page - ADDtek Corp AMC2244DM Datasheet HTML 8Page - ADDtek Corp AMC2244DM Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
5
DD006_E -- JUNE 2006
CHARACTERIZATION CURVES
Input
VCC = +-5V, RL= 1KΩ
Av = 1, Input = +-3.8Vpp
Output Voltage Swing at +-5V VCC
VCC = +-15V, RL= 1KΩ
Av = 1, Input = 0.7Vpp
VCC = +-15V, RL= 1KΩ
Av = 1, Input = 0.7Vpp
Output Rising Edge Performance
Output
Input
Output
Input
Output
Output Falling Edge Performance
Output Swing at 1Mhz, Av=2
Output Swing at 10Mhz, Av=2
VCC = +-15V, RL= 1KΩ
Av = 2, Input = 0.4Vpp, 1Mhz
VCC = +-15V, RL= 1KΩ
Av = 2, Input = 0.4Vpp, 10Mhz
Input
Output
Input
Output
VCC = +-5V, RL = 1KΩ
Av = 1, Input = 1Vpp, 10Mhz
Unit Gain Stable Performance
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com