Electronic Components Datasheet Search
  English  ▼

X  

AMC2244DMF Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC2244DMF
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2244DMF Datasheet(HTML) 1 Page - ADDtek Corp

  AMC2244DMF Datasheet HTML 1Page - ADDtek Corp AMC2244DMF Datasheet HTML 2Page - ADDtek Corp AMC2244DMF Datasheet HTML 3Page - ADDtek Corp AMC2244DMF Datasheet HTML 4Page - ADDtek Corp AMC2244DMF Datasheet HTML 5Page - ADDtek Corp AMC2244DMF Datasheet HTML 6Page - ADDtek Corp AMC2244DMF Datasheet HTML 7Page - ADDtek Corp AMC2244DMF Datasheet HTML 8Page - ADDtek Corp AMC2244DMF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD006_E -- JUNE 2006
AMC2244/AMC2344/AMC2444
DUAL/Triple/QUAD LOW-POWER 60MHz
UNITY-GAIN STABLE OP AMPLIFIERS
DESCRIPTION
FEATURES
The AMC2244/AMC2344/AMC2444 are dual,
triple and quad versions of the high speed, low power,
and low cost monolithic operational amplifiers. These
devices consume only 7mA of supply current per
amplifier to achieve the performance of unity gain stable,
270V/µs slew rate and 60 MHz gain- bandwidth product.
The power supply operating range is from ±18V
down to as low as ±2V. For single-supply operation, the
AMC2244/AMC2344/AMC2444 operate from 36V
down to 2.5V.
The AMC2244/AMC2344/AMC2444 also features
an extremely wide output voltage swing. The maximum
output voltage swing is ±13.8V with VS = ±15V and RL =
1000Ω. Furthermore, for single-supply operation at +5V,
output voltage swing is from 0.2V to 3.9V with RL =
500Ω.
60MHz Gain-Bandwidth Product.
Low Supply Current, 7mA (per Amplifier) at
VS=±15V.
Wide supply range, ±2V to ±18V dual-supply, 2.5V
to 36V single-supply.
High slew rate = 270V/µs.
Fast Settling = 80 ns to 0.1 % for a 10V Step.
Low Differential Gain = 0.04% at AV=+2, RL=150Ω.
Low Differential Phase = 0.15º at AV=+2, RL=150Ω.
Stable with unlimited capacitive load.
Wide output voltage swing, ±13.8V with VS=±15V,
RL=1000Ω, and 3.9V/0.2V with VS=+5V, RL=500Ω.
Low cost, enhanced pin-pin Compatible to the
AD827/AD828/AD8073, EL2244/EL2444C &
TSH72/TSH74/TSH112/TSH114 LT1229/LT1230.
APPLICATIONS
PACKAGE PIN OUT
High Speed Sample-and-Hold
High Speed Signal Processing
ADC/DAC Buffer
Video Amplifiers
Active Filters/Integrators
Pulse/RF Amplifiers
STB(Set-Top Box)
ORDER INFORMATION
Plastic DIP
Plastic S.O.I.C.
Plastic DIP
Plastic S.O.I.C.
TA (°C)
M
8-Pin
DM
8-Pin
N
14-Pin
DM
14-Pin
AMC2244M
AMC2244DM
AMC2344N/AMC2444N
AMC2344DM/AMC2444DM
0 to 70
AMC2244MF(Lead Free) AMC2244DMF(Lead Free) AMC2344NF(Lead Free)
AMC2344DMF/AMC2444DMF
(Lead Free)
Note:1.All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e. AMC2244DMT、AMC2344DMT or
AMC2444DMT).
2.The letter “F” is marked for Lead Free process as AMC2444NF、AMC2444DMF(Lead Free).
OUT 1
IN -1
IN +1
V-
V+
IN -2
IN +2
OUT 2
OUT 1
IN -1
IN +1
V+
IN -2
IN +2
OUT 2
OUT 4
IN -4
IN +4
V-
IN -3
IN +3
OUT 3
AMC2244
(Dual)
8-Pin DIP /
8-Pin S.O.I.C.
(Top View)
NC
NC
NC
V+
IN -2
IN +2
OUT 2
OUT 4
IN -4
IN +4
V-
IN -3
IN +3
OUT 3
AMC2344 (Triple)
14-Pin DIP /
14-Pin S.O.I.C.
(Top View)
AMC2444
(Quad)
14-Pin DIP /
14-Pin S.O.I.C.
(Top View)


Similar Part No. - AMC2244DMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC22C11 TI-AMC22C11 Datasheet
1Mb / 33P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
APRIL 2022
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
More results

Similar Description - AMC2244DMF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Elantec Semiconductor
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Analog Devices
AD841 AD-AD841_15 Datasheet
338Kb / 16P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com