Electronic Components Datasheet Search
  English  ▼

X  

AMC7110 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC7110
Description  WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7110 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7110 Datasheet HTML 1Page - ADDtek Corp AMC7110 Datasheet HTML 2Page - ADDtek Corp AMC7110 Datasheet HTML 3Page - ADDtek Corp AMC7110 Datasheet HTML 4Page - ADDtek Corp AMC7110 Datasheet HTML 5Page - ADDtek Corp AMC7110 Datasheet HTML 6Page - ADDtek Corp AMC7110 Datasheet HTML 7Page - ADDtek Corp AMC7110 Datasheet HTML 8Page - ADDtek Corp AMC7110 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMC7110/1/3/4
Copyright
© 2007 ADDtek Corp.
3
DD028_F
--
JUNE 2007
PIN DESCRIPTION
Pin Name
Pin Function
LED1 ~ LED3/4
Output pins; connect to LED’s cathode.
EN
Enable control pin. Pulling this pin high will enable the device. Pulling this pin to GND
will disable the device.
VDD
Power supply
GND
Ground
PGND
Power ground
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
6
V
Output Sink current
ILED
25
mA
Operating free-air temperature range
Ta
-40
+85
℃
ELECTRICAL CHARACTERISTICS
VDD=3.7V, TA=25°C, No Load, Input: VIH=3.3V, VIL=GND. (Unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Apply
Pin
“Low” Input Voltage
VIL
0.4
V
“High” Input Voltage
VIH
1.7
V
“Low” Input Current
IIL
-5.0
+5.0
µA
“High” Input Current
IIH
-5.0
+5.0
µA
EN
AMC7110/1
Note
75
90
LED Dropout Voltage
VLEDL
AMC7113/4
Note
60
75
mV
AMC7110A
AMC7111A
VDD=2.7V~6V
VLEDn=0.15~3V
19
20
21
VLEDn=0.15~3V
18
20
22
AMC7110/1
VDD=2.7V~6V
VLEDn=0.15~3V
17
20
23
LED Sink Current
ILED
AMC7113/4
13.5
15
16.5
mA
AMC7110A
±3
LED Sink Current Deviation
△I
LEDn
±5
%
LEDn
Supply Current
IDD
400
800
uA
Standby Supply Current
IDDSTBY
0.1
uA
VDD
Note: LED Dropout Voltage: 90% × ILEDn @ VLEDn=150mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com