Electronic Components Datasheet Search
  English  ▼

X  

AMC7113 Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC7113
Description  WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7113 Datasheet(HTML) 1 Page - ADDtek Corp

  AMC7113 Datasheet HTML 1Page - ADDtek Corp AMC7113 Datasheet HTML 2Page - ADDtek Corp AMC7113 Datasheet HTML 3Page - ADDtek Corp AMC7113 Datasheet HTML 4Page - ADDtek Corp AMC7113 Datasheet HTML 5Page - ADDtek Corp AMC7113 Datasheet HTML 6Page - ADDtek Corp AMC7113 Datasheet HTML 7Page - ADDtek Corp AMC7113 Datasheet HTML 8Page - ADDtek Corp AMC7113 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD028_F
--
JUNE 2007
AMC7110/1/3/4
WHITE/BLUE LED DRIVER FOR
LI-ION BATTERY APPLICATION
DESCRIPTION
FEATURES
The AMC7110 series is member of ADDM
North Star White/Blue LED driver family. No
external component is required. Especially good
for use Li-ion battery powered LCD display’s
backlight white LEDs. The special circuit design
provides over 90% efficiency in low noise.
Target end applications are color LCD
display, such as mobile phone with color display,
smart phone, PDA, etc.
APPLICATIONS
Small Size Color LCD Backlights
Mobile Phone, Smart Phone Keypad Backlights
LED sink current 20mA and 15mA
Individual current sink circuit for all LEDs outputs to
prevent short / open circuit on LEDs.
PTC LED current for luminosity compensation.
3 channels (SOT-26), 4 channels (MSOP-8) available.
90% efficiency
Supply voltage range 2.7V ~ 6V
0.1uA standby current
2KV HBM ESD protection
Advanced Bi-CMOS process.
OPTIONS
PACKAGE PIN OUT
Device
Name
LED Sink
Current
Channel
Number
AMC7110
20mA
3
AMC7111
20mA
4
AMC7113
15mA
3
AMC7114
15mA
4
TYPICAL APPLICATION CIRCUIT
Enable
Li-Ion
Battery
EN
VDD
GND
LED2
LED1
LED4
CBP
AMC7110 / AMC7113
SOT-26
LED1
VDD
GND
LED3
1
2
3
4
6
LED2
5
EN
AMC7110
TSOT-26
AMC7111 / AMC7114
MSOP-8
VDD
PGND
EN
LED1
1
2
LED2
LED3
LED4
3
4
8
7
6
5
GND
AMC7110
QFN 2mm
×2mm
LED1
VDD
GND
LED3
LED2
EN
AMC7111
QFN 2mm×2mm
VDD
PGND
EN
LED1
LED2
LED3
LED4
GND
ORDER INFORMATION
SOT-26
MSOP-8
TSOT-26
QFN 2×2
QFN 2×2
ILED (mA)
DB
6-pin
DN
8-pin
DJ
6-pin
W
6-pin
W
8-pin
18 ~ 22
AMC7110DBF
AMC7111DNF
AMC7110DJ
AMC7110WF
AMC7111WF
19 ~ 21
AMC7110ADBF
AMC7111ADNF
-
-
-
13.5 ~ 16.5
AMC7113DBF
AMC7114DNF
-
-
-
Note: Surface-mount packages is available in Tape & Reel. Append “T” to part number (i.e., AMC7111DNFT).
The letter “F” is marked for lead free process.


Similar Part No. - AMC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7113 ETC1-AMC7113 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
AMC7113DB ETC1-AMC7113DB Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
More results

Similar Description - AMC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
03-Sep-07
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com