Electronic Components Datasheet Search
  English  ▼

X  

AMC7150 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC7150
Description  1.5A Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7150 Datasheet HTML 1Page - ADDtek Corp AMC7150 Datasheet HTML 2Page - ADDtek Corp AMC7150 Datasheet HTML 3Page - ADDtek Corp AMC7150 Datasheet HTML 4Page - ADDtek Corp AMC7150 Datasheet HTML 5Page - ADDtek Corp AMC7150 Datasheet HTML 6Page - ADDtek Corp AMC7150 Datasheet HTML 7Page - ADDtek Corp AMC7150 Datasheet HTML 8Page - ADDtek Corp AMC7150 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMC7150
Copyright
© 2006, ADDtek Corp.
DA011 - September 1, 2006
http://www.addmtek.com
1.3. Description:
【
1】 DC-IN: DC power jack. It is designed to provide convenience for demo. Simply one adapter is
needed for supplying the EVM board to light up the Power LEDs.
【
2】 D1: Reverse protection diode. It is located between input port of the EVM, V
IN, and Vcc pin of
the IC. The function is to provide protection when input source is reverse connected.
【
3】 J1: Lighting mode selection connector. Four lighting modes of the 2 LEDs can be
accomplished through jumper. The 2 LEDs can be connected in series or parallel, or either
of the 2 LEDs can be selected. The method of selecting one of these modes is shown in
the following table.
Table Method of using jumper to select 1 of the 4 lighting modes for the 2 LEDs.
Mode
Lighting condition of LED1 and LED2
J1
1
LED1&LED2 connected in serial
1
2
3
4
2
LED1&LED2 connected in parallel
1
2
3
4
3
LED1
1
2
3
4
4
LED2
1
2
3
4
【
4】 J2: Test point. It is reserved for current measurement to make sure that the LED driving
current matches the value calculated by the formula below (Please refer to the datasheet
for the calculated method of the average current):
sense
PK
R
mV
I
%
10
330
±
=
1.4. Reference PCB Layout:
Top Layer
Bottom Layer
Large PCB area is reserved for GND plane and is connected to the heat pad of AMC7150.
The GND plane can be a part of heat sink for AMC7150.
1-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com