Electronic Components Datasheet Search
  English  ▼

X  

AMC7150 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC7150
Description  1.5A POWER LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7150 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7150 Datasheet HTML 1Page - ADDtek Corp AMC7150 Datasheet HTML 2Page - ADDtek Corp AMC7150 Datasheet HTML 3Page - ADDtek Corp AMC7150 Datasheet HTML 4Page - ADDtek Corp AMC7150 Datasheet HTML 5Page - ADDtek Corp AMC7150 Datasheet HTML 6Page - ADDtek Corp AMC7150 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMC7150
Copyright
© 2006 ADDtek Corp.
3
DD034_A
--
JUNE 2006
PIN DESCRIPTION
Pin Number
Pin Name
Pin Function
1
VCC
Input Voltage 4V ~ 40V
2
CS
Peak current senses pin.
3
GND
Ground
4
OUT
Driver output pin.
5
OSC
Oscillator timing capacitor.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VCC
-0.3V to 40V
Output Voltage, OUT
-0.3V to 40V
Maximum Junction Temperature , TJ
150
OC
Storage Temperature Range
-40
OC to 150OC
Lead Temperature (soldering, 10 seconds)
260
OC
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4
40
V
Output current
IOUT
1.5
A
Operating free-air temperature range
Ta
-40
85
℃
ELECTRICAL CHARACTERISTICS
VCC=5V, Ta=25°C. ( Unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Apply Pin
Supply Current
ICC
VCC=4~40V
4
mA
VCC
Output Drop-out Voltage
VDP
IOUT=1A, VCS-VOUT
1
1.31
V
Output Off Current
IOFF
VCS-VOUT= 40V
200
300
µA
OUT
Current Sense Voltage
VCS
VCC- VCS
300
330
360
mV
CS
Maximum duty cycle
TDC
VCS=VCC
85
%
OSC Charge Current
ICH
35
uA
OSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com