Electronic Components Datasheet Search
  English  ▼

X  

AMC7638 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7638
Description  450mA LOW DROPOUT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7638 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7638 Datasheet HTML 1Page - ADDtek Corp AMC7638 Datasheet HTML 2Page - ADDtek Corp AMC7638 Datasheet HTML 3Page - ADDtek Corp AMC7638 Datasheet HTML 4Page - ADDtek Corp AMC7638 Datasheet HTML 5Page - ADDtek Corp AMC7638 Datasheet HTML 6Page - ADDtek Corp AMC7638 Datasheet HTML 7Page - ADDtek Corp AMC7638 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMC7638
Copyright
© 2007 ADDtek Corp.
2
DD054_N -- MAY 2007
TYPICAL APPLICATION
AMC7638
VOUT
COUT
4.7
µF
CIN
1
µF
VIN
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VIN
13V
Maximum Operating Junction Temperature, TJ
150
OC
Storage Temperature Range
-65
OC to 150OC
Lead Temperature (soldering, 10 seconds)
260
OC
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
3.0
10
V
Load Current (with adequate heat sinking)
I
O
5
300
500
mA
Input Capacitor (VIN to GND)
0.1
µF
Output Capacitor with ESR of 10
Ω max., (VOUT to GND)
1.0
µF
Operating ambient temperature range
TA
-40
85
OC
Operating junction temperature
TJ
125
OC
POWER DISSIPATION TABLE
Package
θ
JA
(
OC/ W )
Derating factor (mW/
OC )
TA ≥ 25
OC
TA ≤ 25
OC
Power rating (mW)
TA=70
OC
Power rating (mW)
TA= 85
OC
Power rating (mW)
PK
71(Note)
14.1
1763
1128
916
Note: T
J = T
A + (PD × θJA)
P
D: Power dissipation.
θ
JA: Thermal resistance from Junction to Ambient.
For PK package,
θJT = 35OC / W.
T
J = T
TAB + (PD × θJT)
TTAB: Tab temperature.
θJT: Thermal resistance from junction to tab of the package.
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com