Electronic Components Datasheet Search
  English  ▼

X  

AMC8213 Datasheet(PDF) 9 Page - ADDtek Corp

Part # AMC8213
Description  200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8213 Datasheet(HTML) 9 Page - ADDtek Corp

  AMC8213 Datasheet HTML 1Page - ADDtek Corp AMC8213 Datasheet HTML 2Page - ADDtek Corp AMC8213 Datasheet HTML 3Page - ADDtek Corp AMC8213 Datasheet HTML 4Page - ADDtek Corp AMC8213 Datasheet HTML 5Page - ADDtek Corp AMC8213 Datasheet HTML 6Page - ADDtek Corp AMC8213 Datasheet HTML 7Page - ADDtek Corp AMC8213 Datasheet HTML 8Page - ADDtek Corp AMC8213 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AMC8213
Copyright
© 2006 ADDtek Corp.
9
DD063_C
--
JUNE 2006
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice,
and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information
being relied on is current.
A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe
property or environmental damage.
ADDtek integrated circuit products are not designed, intended, authorized, or
warranted to be suitable for use in life-support applications, devices or systems or other critical applications.
Use of
ADDtek products in such applications is understood to be fully at the risk of the customer.
In order to minimize risks
associated with the customer’s applications, the customer should provide adequate design and operating safeguards.
ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of
its products to the specifications applicable at the time of sale.
ADDtek Corp.
9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105
TEL: 2-25700299
FAX: 2-25700196



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com