Electronic Components Datasheet Search
  English  ▼

X  

BCW60C Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCW60C
Description  NPN general purpose transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW60C Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCW60C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW60C Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BCW60C
NPN general purpose transistor
5 December 2024
Product data sheet
1. General description
NPN general-purpose transistor in a small SOT23 Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Low current (max. 100 mA)
• Low voltage (max. 32 V)
• AEC-Q101 qualified
3. Applications
• General purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
32
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
250
-
460
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
SOT23
sym123
C
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BCW60C
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23


Similar Part No. - BCW60C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW60C PHILIPS-BCW60C Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 22
logo
Samsung semiconductor
BCW60C SAMSUNG-BCW60C Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW60C SIEMENS-BCW60C Datasheet
282Kb / 9P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW60C FAIRCHILD-BCW60C Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW60C INFINEON-BCW60C Datasheet
228Kb / 9P
NPN Silicon AF Transistors
Jan-29-2002
More results

Similar Description - BCW60C

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com