Electronic Components Datasheet Search
  English  ▼

X  

BCW70 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCW70
Description  PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCW70 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCW70 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCW70 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nexperia
BCW70
PNP general purpose transistors
aaa-028968
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
1
FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint
Fig. 1. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -20 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current
VCB = -20 V; IE = 0 A; Tamb = 100 °C
-
-
-10
µA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
VCE = -5 V; IC = -10 µA; Tamb = 25 °C
-
150
-
hFE
DC current gain
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
215
-
500
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-80
-300
mV
VCEsat
collector-emitter
saturation voltage
IC = -50 mA; IB = -2.5 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-150
-
mV
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-720
-
mV
VBEsat
base-emitter saturation
voltage
IC = -50 mA; IB = -2.5 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-810
-
mV
VBE
base-emitter voltage
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
-600
-
-750
mV
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
4.5
-
pF
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
NF
noise figure
VCE = -5 V; IC = -200 µA; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz; Tamb = 25 °C
-
-
10
dB
BCW70
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
30 October 2024
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com